Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M54HC367K Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC367K
Description  RAD-HARD HEX BUS BUFFER WITH 3 STATE OUTPUT NON INVERTING
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC367K Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC367K Datasheet HTML 1Page - STMicroelectronics M54HC367K Datasheet HTML 2Page - STMicroelectronics M54HC367K Datasheet HTML 3Page - STMicroelectronics M54HC367K Datasheet HTML 4Page - STMicroelectronics M54HC367K Datasheet HTML 5Page - STMicroelectronics M54HC367K Datasheet HTML 6Page - STMicroelectronics M54HC367K Datasheet HTML 7Page - STMicroelectronics M54HC367K Datasheet HTML 8Page - STMicroelectronics M54HC367K Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
May 2004
s
HIGH SPEED:
tPD = 9ns (TYP.) at VCC =6V
s
LOW POWER DISSIPATION:
ICC =4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH =VNIL = 28% VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL =6mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
54 SERIES 367
s
SPACE GRADE-1: ESA SCC QUALIFIED
s
50 krad QUALIFIED, 100 krad AVAILABLE ON
REQUEST
s
NO SEL UNDER HIGH LET HEAVY IONS
IRRADIATION
s
DEVICE FULLY COMPLIANT WITH
SCC-9401-044
DESCRIPTION
The M54HC367 is an high speed CMOS HEX
BUS BUFFER 3-STATE OUTPUTS fabricated
with silicon gate C2MOS technology.
This device contains six buffers, four buffers are
controlled by an enable input (G1) and the other
two buffers are controlled by the other enable
input (G2); the outputs of each buffer group are
enabled when G1 and/or G2 inputs are held low,
and when held high, these outputs are disabled in
a high-impedance state.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M54HC367
RAD-HARD HEX BUS BUFFER
WITH 3 STATE OUTPUT NON INVERTING
PIN CONNECTION
ORDER CODES
PACKAGE
FM
EM
DILC
M54HC367D
M54HC367D1
FPC
M54HC367K
M54HC367K1
DILC-16
FPC-16
Rev. 1


Similar Part No. - M54HC367K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC367K STMICROELECTRONICS-M54HC367K Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
More results

Similar Description - M54HC367K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC365 STMICROELECTRONICS-M54HC365 Datasheet
249Kb / 11P
HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
03-May-2004
M54HC367 STMICROELECTRONICS-M54HC367 Datasheet
249Kb / 11P
HEX BUS BUFFER 3-STATE HC367 NON INVERTING, HC368 INVERTING
Oct-1992
M74HC366 STMICROELECTRONICS-M74HC366 Datasheet
249Kb / 11P
HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
Oct-1992
M54HC365 STMICROELECTRONICS-M54HC365 Datasheet
229Kb / 11P
RAD-HARD HEX BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTING)
03-May-2004
M54HC244 STMICROELECTRONICS-M54HC244 Datasheet
154Kb / 10P
RAD-HARD OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
April 2004
M74HCT367 STMICROELECTRONICS-M74HCT367 Datasheet
203Kb / 9P
HEX BUS BUFFER WITH 3 STATE OUTPUT NON INVERTING
Sep-2001
M54HC541 STMICROELECTRONICS-M54HC541_04 Datasheet
254Kb / 11P
RAD-HARD OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
14-May-2004
M74HC365 STMICROELECTRONICS-M74HC365_01 Datasheet
241Kb / 10P
HEX BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTING)
Jul-2001
M74HC367 STMICROELECTRONICS-M74HC367 Datasheet
242Kb / 10P
HEX BUS BUFFER WITH 3 STATE OUTPUT NON INVERTING
Jul-2001
M74HC368 STMICROELECTRONICS-M74HC368 Datasheet
242Kb / 10P
HEX BUS BUFFER WITH 3 STATE OUTPUT INVERTING
Jul-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com