Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M54HC688D Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC688D
Description  RAD-HARD 8 BIT EQUALITY COMPARATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC688D Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC688D Datasheet HTML 1Page - STMicroelectronics M54HC688D Datasheet HTML 2Page - STMicroelectronics M54HC688D Datasheet HTML 3Page - STMicroelectronics M54HC688D Datasheet HTML 4Page - STMicroelectronics M54HC688D Datasheet HTML 5Page - STMicroelectronics M54HC688D Datasheet HTML 6Page - STMicroelectronics M54HC688D Datasheet HTML 7Page - STMicroelectronics M54HC688D Datasheet HTML 8Page - STMicroelectronics M54HC688D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
June 2004
s
HIGH SPEED:
tPD = 17ns (TYP.) at VCC =6V
s
LOW POWER DISSIPATION:
ICC =4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH =VNIL = 28% VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL =4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
54 SERIES 688
s
SPACE GRADE-1: ESA SCC QUALIFIED
s
50 krad QUALIFIED, 100 krad AVAILABLE ON
REQUEST
s
NO SEL UNDER HIGH LET HEAVY IONS
IRRADIATION
s
DEVICE FULLY COMPLIANT WITH
SCC-9209-005
DESCRIPTION
The M54HC688 is an high speed CMOS 8 BIT
EQUALITY COMPARATOR fabricated with silicon
gate C2MOS technology.
The M54HC688 compares bit for bit two 8-bit
words applied on inputs P0 - P7 and inputs Q0 -
Q7 and indicates whether or not they are equal. A
single active low enable is provided to facilitate
cascading
several
packages
to
enable
comparison of words greater than 8 bits.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M54HC688
RAD-HARD 8 BIT EQUALITY COMPARATOR
PIN CONNECTION
ORDER CODES
PACKAGE
FM
EM
DILC
M54HC688D
M54HC688D1
FPC
M54HC688K
M54HC688K1
DILC-20
FPC-20
Rev. 1


Similar Part No. - M54HC688D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC688D STMICROELECTRONICS-M54HC688D Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
More results

Similar Description - M54HC688D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC688 STMICROELECTRONICS-M54HC688 Datasheet
243Kb / 10P
8 BIT EQUALITY COMPARATOR
Oct-1992
M54HCT688 STMICROELECTRONICS-M54HCT688 Datasheet
242Kb / 10P
8 BIT EQUALITY COMPARATOR
Feb-1993
logo
Toshiba Semiconductor
TC74HCT688AP TOSHIBA-TC74HCT688AP Datasheet
205Kb / 5P
8-BIT EQUALITY COMPARATOR
logo
Fairchild Semiconductor
MM74HC688 FAIRCHILD-MM74HC688 Datasheet
99Kb / 7P
8-Bit Magnitude Comparator (Equality Detector)
logo
Toshiba Semiconductor
TC74AC521P TOSHIBA-TC74AC521P Datasheet
267Kb / 7P
8-BIT EQUALITY COMPARATOR
logo
National Semiconductor ...
MM54HCT688 NSC-MM54HCT688 Datasheet
109Kb / 4P
8-Bit Magnitude Comparator (Equality Detector)
logo
Toshiba Semiconductor
TC74HCT688AP TOSHIBA-TC74HCT688AP_07 Datasheet
288Kb / 7P
8-Bit Equality Comparator
logo
STMicroelectronics
M74HC688 STMICROELECTRONICS-M74HC688 Datasheet
326Kb / 9P
8 BIT EQUALITY COMPARATOR
Jul-2001
M54HC85 STMICROELECTRONICS-M54HC85_04 Datasheet
302Kb / 10P
RAD HARD 4-BIT MAGNITUDE COMPARATOR
01-Jun-2004
RHR801 STMICROELECTRONICS-RHR801 Datasheet
1Mb / 32P
Rad-hard very high-speed comparator
29-Jun-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com