Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LD49150 Datasheet(PDF) 8 Page - STMicroelectronics

Part # LD49150
Description  1.5A Very low drop for low output voltage regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD49150 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LD49150 Datasheet HTML 4Page - STMicroelectronics LD49150 Datasheet HTML 5Page - STMicroelectronics LD49150 Datasheet HTML 6Page - STMicroelectronics LD49150 Datasheet HTML 7Page - STMicroelectronics LD49150 Datasheet HTML 8Page - STMicroelectronics LD49150 Datasheet HTML 9Page - STMicroelectronics LD49150 Datasheet HTML 10Page - STMicroelectronics LD49150 Datasheet HTML 11Page - STMicroelectronics LD49150 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Electrical characteristics
LD49150
8/20
6
Electrical characteristics
Table 4.
Electrical characteristics
(TJ = -25°C to 125 °C, VBIAS = VO+2.1V
(1); V
I = VO+1V; VEN = VBIAS
(2), I
O = 10mA; CI = 1µF;
CO = 10µF; CBIAS = 1µF; unless otherwise specified. Typical values are referred to TJ = 25°C).
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage accuracy
TJ = 25°C, fixed voltage options
-1.5
1.5
%
Over temperature range
-3
3
VLINE
Line regulation
VI = VO+1V to 5.5V
-0.1
0.1
%/V
VLOAD
Load regulation
IL = 0mA to 3A, VBIAS ≥ 3V
1%
VDROP
Dropout voltage (VI - VO)IL = 1.5A
200
mV
VDROP
Dropout voltage (VBIAS- VO)
IL = 1.5A
(1)
1.
For VO ≤1V, VBIAS dropout specification does not apply due to a minimum 3V VBIAS input.
1.5
2.1
V
IGND
Ground pin current
IL = 0mA
46
mA
IL = 1.5A
46
IGND_SHD Ground pin current in shutdown
VEN ≤0.4V
(2)
2.
Fixed output voltage version only.
5µA
IVBIAS
Current through VBIAS
IL = 0mA
35
mA
IL = 1.5A
35
IL
Current limit
VO = 0V
2.5
A
Enable Input (2)
VEN
Enable input threshold (fixed
voltage only)
Regulator Enable
1.4
V
Regulator Shutdown
0.4
IEN
Enable pin input current
0.1
1
µA
Reference
VREF
Reference voltage
TJ = 25°C
0.788
0.8
0.812
V
Over temperature range
0.776
0.8
0.824
SVR
Supply voltage rejection
VI = 2.5V±0.5V, VO = 1V,
F = 120Hz, VBIAS = 3.3V
68
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com