Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L7808CD2T-TR Datasheet(PDF) 33 Page - STMicroelectronics

Part # L7808CD2T-TR
Description  Positive voltage regulators
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7808CD2T-TR Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L7808CD2T-TR Datasheet HTML 29Page - STMicroelectronics L7808CD2T-TR Datasheet HTML 30Page - STMicroelectronics L7808CD2T-TR Datasheet HTML 31Page - STMicroelectronics L7808CD2T-TR Datasheet HTML 32Page - STMicroelectronics L7808CD2T-TR Datasheet HTML 33Page - STMicroelectronics L7808CD2T-TR Datasheet HTML 34Page - STMicroelectronics L7808CD2T-TR Datasheet HTML 35Page - STMicroelectronics L7808CD2T-TR Datasheet HTML 36Page - STMicroelectronics L7808CD2T-TR Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
L78xx - L78xxC
Typical performance
33/56
* Against potential latch-up problems.
Figure 24.
Tracking voltage regulator
Figure 25.
Split power supply (± 15 V - 1 A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com