Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L4976 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L4976
Description  1A step down switching regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4976 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L4976 Datasheet HTML 7Page - STMicroelectronics L4976 Datasheet HTML 8Page - STMicroelectronics L4976 Datasheet HTML 9Page - STMicroelectronics L4976 Datasheet HTML 10Page - STMicroelectronics L4976 Datasheet HTML 11Page - STMicroelectronics L4976 Datasheet HTML 12Page - STMicroelectronics L4976 Datasheet HTML 13Page - STMicroelectronics L4976 Datasheet HTML 14Page - STMicroelectronics L4976 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
L4976
Typical charcteristics
11/17
Figure 20. Power dissipation vs. VCC
Figure 21. Load transient
Figure 22. Line transient
Figure 23. Open loop frequency and
phase of error amplifier
0
1020304050
VCC(V)
0
200
400
600
800
Pdiss
(mW)
D97IN743
IO=1.5A
VO=5.1V
fsw=100KHz
IO=1A
IO=0.5A
2
1
D97IN786
VCC
(V)
30
20
10
VO
(mV)
100
0
-100
1ms/DIV
IO = 1A
fsw = 100KHz
10
103
105
107
f(Hz)
102
104
106
108
-200
-150
-100
-50
GAIN
(dB)
0
50
Phase
0
45
90
135
D97IN787
GAIN
Phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com