Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L5955 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L5955
Description  Multiple multifunction voltage regulator for car radio
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5955 Datasheet(HTML) 3 Page - STMicroelectronics

  L5955 Datasheet HTML 1Page - STMicroelectronics L5955 Datasheet HTML 2Page - STMicroelectronics L5955 Datasheet HTML 3Page - STMicroelectronics L5955 Datasheet HTML 4Page - STMicroelectronics L5955 Datasheet HTML 5Page - STMicroelectronics L5955 Datasheet HTML 6Page - STMicroelectronics L5955 Datasheet HTML 7Page - STMicroelectronics L5955 Datasheet HTML 8Page - STMicroelectronics L5955 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
L5955
Block and pin connection diagrams
3/17
1
Block and pin connection diagrams
Figure 1.
Block diagram
Figure 2.
Pin connection (top view)
ST-By REG 3.3V
St_By REG 1.5V
10V Linear
Regulator
8.5V Linear
Regulator
3.3V Linear
Regulator
8V Linear Regulator
10V selectable
5V Linear Regulator
1.8-3.3V selectable
1.8V Linear Regulator
2.5V selectable
High Side
Driver
High Side
Driver
High Side
Driver
High Side
Driver
High Side
Driver
Low Voltage
Warning
I2C Interface
Standby Regulators
POR Logic
BANDGAP
CSLEW
And
Sequencing
Vstby1
Vstby2
BG1
VBAT1
VBAT1
VBAT2
MRST*
MRSTDLY
EN
SCL
SDA
LVWIN
LVW*
HSD1
HSD2
HSD3
GND
REG6
REG5
REG4
REG3
REG2
REG1
VSTBY2
VSTBY1
BG2
VBG
VBAT3_1/2
CSLEW
VBG
VBG
PGND
D04AU1548
TAB1
SDA
PGND
HSD1
VBAT3_1
HSD2
EN
HSD3
Cslew
REG2
LVW_IN
REG1
LVW
GND
MRSTDLY
REG5
MRST
STBY1
VBAT1
STBY2
SCL
VBAT2
REG3
REG6
VBAT3_2
REG4
TAB2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
25
26
22
21
23
24
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com