Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L78L12CD13TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # L78L12CD13TR
Description  Positive voltage regulators
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78L12CD13TR Datasheet(HTML) 1 Page - STMicroelectronics

  L78L12CD13TR Datasheet HTML 1Page - STMicroelectronics L78L12CD13TR Datasheet HTML 2Page - STMicroelectronics L78L12CD13TR Datasheet HTML 3Page - STMicroelectronics L78L12CD13TR Datasheet HTML 4Page - STMicroelectronics L78L12CD13TR Datasheet HTML 5Page - STMicroelectronics L78L12CD13TR Datasheet HTML 6Page - STMicroelectronics L78L12CD13TR Datasheet HTML 7Page - STMicroelectronics L78L12CD13TR Datasheet HTML 8Page - STMicroelectronics L78L12CD13TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
August 2008
Rev 16
1/29
29
L78LxxAB
L78LxxAC - L78LxxC
Positive voltage regulators
Features
■ Output current up to 100 mA
■ Output voltages of 3.3; 5; 6; 8; 9; 10; 12; 15; 18;
24 V
■ Thermal overload protection
■ Short circuit protection
■ No external components are required
■ Available in either ±5% (AC) or ±10% (C)
selection
Description
The L78Lxx series of three-terminal positive
regulators employ internal current limiting and
thermal shutdown, making them essentially
indestructible. If adequate heat-sink is provided,
they can deliver up to 100 mA output current.
They are intended as fixed voltage regulators in a
wide range of applications including local or on-
card regulation for elimination of noise and
distribution problems associated with single-point
regulation.
In addition, they can be used with power pass
elements to make high-current voltage regulators.
The L78Lxx series used as Zener diode/resistor
combination replacement, offers an effective
output impedance improvement of typically two
orders of magnitude, along with lower quiescent
current and lower noise.
SOT-89
TO-92
SO-8
Table 1.
Device summary
Part numbers
L78L33C
L78L08AC
L78L15C
L78L33AC
L78L08AB
L78L15AC
L78L33AB
L78L09C
L78L15AB
L78L05C
L78L09AC
L78L18C
L78L05AC
L78L09AB
L78L18AC
L78L05AB
L78L10AC
L78L24C
L78L06AC
L78L12C
L78L24AC
L78L06AB
L78L12AC
L78L24AB
L78L08C
L78L12AB
www.st.com


Similar Part No. - L78L12CD13TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L78L12CD13TR STMICROELECTRONICS-L78L12CD13TR Datasheet
453Kb / 24P
POSITIVE VOLTAGE REGULATORS
Jul-2003
L78L12CD13TR STMICROELECTRONICS-L78L12CD13TR Datasheet
776Kb / 47P
Positive voltage regulators
14-Apr-2014
L78L12CD13TR STMICROELECTRONICS-L78L12CD13TR Datasheet
769Kb / 46P
Positive voltage regulators
10-Feb-2016
L78L12CD13TR STMICROELECTRONICS-L78L12CD13TR Datasheet
879Kb / 40P
Positive voltage regulators
07-Apr-2021
L78L12CD13TR STMICROELECTRONICS-L78L12CD13TR Datasheet
818Kb / 41P
Positive voltage regulators
Rev 30 - August 2024
More results

Similar Description - L78L12CD13TR

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
78L18 WINGS-78L18 Datasheet
154Kb / 2P
Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
POSITIVE VOLTAGE REGULATORS
Jul-2003
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
POSITIVE-VOLTAGE REGULATORS
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
Positive voltage regulators
14-Apr-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com