Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STP19N06L Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP19N06L
Description  N - CHANNEL ENHANCEMENT MODE LOW THRESHOLD POWER MOS TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP19N06L Datasheet(HTML) 3 Page - STMicroelectronics

  STP19N06L Datasheet HTML 1Page - STMicroelectronics STP19N06L Datasheet HTML 2Page - STMicroelectronics STP19N06L Datasheet HTML 3Page - STMicroelectronics STP19N06L Datasheet HTML 4Page - STMicroelectronics STP19N06L Datasheet HTML 5Page - STMicroelectronics STP19N06L Datasheet HTML 6Page - STMicroelectronics STP19N06L Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ELECTRICAL CHARACTERISTICS (continued)
SWITCHING ON
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on Time
Rise Time
VDD = 30 V
ID = 9.5 A
RG = 4.7
Ω
VGS = 5 V
(see test circuit, figure 3)
15
165
21
230
ns
ns
(di/dt)on
Turn-on Current Slope
VDD = 40 V
ID = 19 A
RG = 47
Ω
VGS = 5 V
(see test circuit, figure 5)
70
A/
µs
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
VDD = 40 V
ID = 19 A
VGS = 5 V
18
7
9
26
nC
nC
nC
SWITCHING OFF
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tr(Voff)
tf
tc
Off-voltage Rise Time
Fall Time
Cross-over Time
VDD = 40 V
ID = 19 A
RG = 47
Ω
VGS = 5 V
(see test circuit, figure 5)
50
95
165
70
135
230
ns
ns
ns
SOURCE DRAIN DIODE
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
ISDM(
•)
Source-drain Current
Source-drain Current
(pulsed)
19
76
A
A
VSD (
∗)
Forward On Voltage
ISD = 19 A
VGS = 0
1.6
V
trr
Qrr
IRRM
Reverse Recovery
Time
Reverse Recovery
Charge
Reverse Recovery
Current
ISD = 19 A
di/dt = 100 A/
µs
VDD = 30 V
Tj = 150
oC
(see test circuit, figure 5)
60
0.13
4.6
ns
µC
A
(
∗) Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
(
•) Pulse width limited by safe operating area
STP19N06L/FI
3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com