Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L5994 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L5994
Description  ADJUSTABLE TRIPLE OUTPUT POWER SUPPLY CONTROLLER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5994 Datasheet(HTML) 5 Page - STMicroelectronics

  L5994_02 Datasheet HTML 1Page - STMicroelectronics L5994_02 Datasheet HTML 2Page - STMicroelectronics L5994_02 Datasheet HTML 3Page - STMicroelectronics L5994_02 Datasheet HTML 4Page - STMicroelectronics L5994_02 Datasheet HTML 5Page - STMicroelectronics L5994_02 Datasheet HTML 6Page - STMicroelectronics L5994_02 Datasheet HTML 7Page - STMicroelectronics L5994_02 Datasheet HTML 8Page - STMicroelectronics L5994_02 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
5/26
L5994 - L5994A
VOL
Output low voltage
HSTRAP = PREG5
Isource = 10mA;
HSOURCE = GND
0.5
V
LINEAR REGULATOR DRIVER SECTION
Imax
Driver current
VFBLIN < 2.5V
30
mA
Vref
VFBLIN threshold
VDRLIN = 15V
2.44
2.5
2.56
V
VDRLIN
Input voltage range
4.5
20
V
IFBLIN
Bias Current
2
µA
VCP
Input voltage clamp
Iclamp = 100µA16
V
“One Shot” activation
threshold (L5994A only)
VDRLIN falling
12.88
13.7
14.52
V
“One Shot” Pulse (L5994A only)
1.5
µs
INTERNAL REGULATOR DRIVER SECTION
V29
VREG5 output voltage
Vin = 7 to 25V
5.0
5.3
5.5
V
I29
Totale current capability
VPREG5 = 5.3V
Vin = 7V
25
70
mA
V5SW
Swith-over threshold voltage
Vin > 7V, V5SW fall
4.2
4.53
4.8
V
V12
Reference voltage
Iload = 1mA
Vin = 5 to 20V
Iload = 1 to 5mA
2.45
2.425
2.5
2.5
2.55
2.575
V
I12
Source current at reference
voltage
V12 = Vref-0.3V
15
mA
POWER GOOD AND ENABLE FUNCTION
V16,V11
RUN1, RUN2, enable voltage
High level
2.4
V
V16,V11
RUN1, RUN2, disable voltage
Low level
0.8
V
T10
Power good delay
CRST=100nF
115
147
180
ms
T27,T30
Shutdown delay time before LS
activation (except for over voltage
fault)
CRST=100nF
115
147
180
ms
CRST timing rate
V12 = Vref-0.3V
1.47
ms/nF
Power good high level
IPOWEROK = 40µA
4.1
V
Power good low level
IPOWEROK = 320µA
0.4
V
SYNCHRONIZATION
V15
Synchronization pulse width
Fsw = 1MHz
400
ns
Synchronization input voltage
(falling edge)
IPOWEROK = 320µA5
V
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
ELECTRICAL CHARACTERISTICS (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com