Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STP19NB20 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP19NB20
Description  N-CHANNEL 200V - 0.15ohm - 19A - TO-220/TO-220FP/I2PAK PowerMESH™ MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP19NB20 Datasheet(HTML) 1 Page - STMicroelectronics

  STP19NB20 Datasheet HTML 1Page - STMicroelectronics STP19NB20 Datasheet HTML 2Page - STMicroelectronics STP19NB20 Datasheet HTML 3Page - STMicroelectronics STP19NB20 Datasheet HTML 4Page - STMicroelectronics STP19NB20 Datasheet HTML 5Page - STMicroelectronics STP19NB20 Datasheet HTML 6Page - STMicroelectronics STP19NB20 Datasheet HTML 7Page - STMicroelectronics STP19NB20 Datasheet HTML 8Page - STMicroelectronics STP19NB20 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
August 2002
STP19NB20 - STP19NB20FP
STB19NB20-1
N-CHANNEL 200V - 0.15
Ω - 19A - TO-220/TO-220FP/I2PAK
PowerMESH™ MOSFET
(1)ISD ≤19 A, di/dt ≤300A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX
s
TYPICAL RDS(on) = 0.15 Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
NEW HIGH VOLTAGE BENCHMARK
s
GATE CHARGE MINIMIZED
DESCRIPTION
Using the latest high voltage MESH OVERLAY™
process, STMicroelectronics has designed an ad-
vanced family of power MOSFETs with outstanding
performances. The new patent pending strip layout
coupled with the Company’s proprieraty edge termi-
nation structure, gives the lowest RDS(on) per area,
exceptional avalanche and dv/dt capabilities and
unrivalled gate charge and switching characteris-
tics.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITH MODE POWER SUPPLIES (SMPS)
s
DC-AC CONVERTERS FOR TELECOM,
INDUSTRIAL AND CONSUMER
ENVIRONMENT
ABSOLUTE MAXIMUM RATINGS
(•)Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STP19NB20
STP19NB20FP
STB19NB20-1
200 V
200 V
200 V
< 0.18
Ω
< 0.18
Ω
< 0.18
Ω
19 A
10 A
19 A
Symbol
Parameter
Value
Unit
STP(B)19NB20(-1)
STP19NB20FP
VDS
Drain-source Voltage (VGS = 0)
200
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
200
V
VGS
Gate- source Voltage
± 30
V
ID
Drain Current (continuous) at TC = 25°C
19
10
A
ID
Drain Current (continuous) at TC = 100°C
12
6.0
A
IDM (l)
Drain Current (pulsed)
76
76
A
PTOT
Total Dissipation at TC = 25°C
125
35
W
Derating Factor
1
0.28
W/°C
dv/dt (1)
Peak Diode Recovery voltage slope
5.5
V/ns
VISO
Insulation Withstand Voltage (DC)
-
2500
V
Tstg
Storage Temperature
–65 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
TO-220
1
2
3
TO-220FP
1
2
3
I2PAK
(Tabless TO-220)
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STP19NB20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP19N06 STMICROELECTRONICS-STP19N06 Datasheet
194Kb / 10P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Feb-1995
logo
Inchange Semiconductor ...
STP19N06 ISC-STP19N06 Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP19N06FI STMICROELECTRONICS-STP19N06FI Datasheet
194Kb / 10P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Feb-1995
logo
Inchange Semiconductor ...
STP19N06FI ISC-STP19N06FI Datasheet
318Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP19N06L STMICROELECTRONICS-STP19N06L Datasheet
142Kb / 7P
N - CHANNEL ENHANCEMENT MODE LOW THRESHOLD POWER MOS TRANSISTOR
Feb-1995
More results

Similar Description - STP19NB20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP3NB80 STMICROELECTRONICS-STP3NB80 Datasheet
106Kb / 9P
N - CHANNEL 800V - 4.6ohm - 2.6A - TO-220/TO-220FP PowerMESH MOSFET
Jan-1999
STP3NC90Z STMICROELECTRONICS-STP3NC90Z Datasheet
335Kb / 11P
N-CHANNEL 900V - 3.2ohm - 3.5A TO-220/TO-220FP/I2PAK Zener-Protected PowerMESH™ II MOSFET
Jan-2001
STP4NB100 STMICROELECTRONICS-STP4NB100 Datasheet
109Kb / 9P
N - CHANNEL 1000V - 4ohm - 3.8A - TO-220/TO-220FP PowerMESH MOSFET
Oct-1999
STP4NB30FP STMICROELECTRONICS-STP4NB30FP Datasheet
331Kb / 9P
N-CHANNEL 300V - 1.8ohm - 4A - TO-220/TO-220FP PowerMesh™ MOSFET
May-2001
STP4NB50 STMICROELECTRONICS-STP4NB50 Datasheet
163Kb / 7P
N-CHANNEL 500V - 2.5ohm - 3.8A - TO-220/TO-220FP PowerMesh™ MOSFET
Apr-2003
STP4NC60 STMICROELECTRONICS-STP4NC60 Datasheet
356Kb / 10P
N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh™ I MOSFET
Apr-2003
STP4NC60A STMICROELECTRONICS-STP4NC60A Datasheet
338Kb / 10P
N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh™ I MOSFET
Jul-2001
STP6NC60 STMICROELECTRONICS-STP6NC60 Datasheet
364Kb / 10P
N-CHANNEL 600V - 1ohm - 6A TO-220/TO-220FP/I2PAK PowerMESH™ II MOSFET
May-2001
STP8NC50 STMICROELECTRONICS-STP8NC50 Datasheet
352Kb / 10P
N-CHANNEL 500V - 0.7ohm - 8A TO-220/TO-220FP/I2PAK PowerMesh™II MOSFET
Dec-2000
STGB6NC60HD STMICROELECTRONICS-STGB6NC60HD_07 Datasheet
424Kb / 18P
N-channel 600V - 7A - I2PAK / D2PAK / TO-220 / TO-220FP Very fast PowerMESH™IGBT
26-Apr-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com