Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TS4998 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS4998
Description  2 x 1W differential input stereo audio amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4998 Datasheet(HTML) 4 Page - STMicroelectronics

  TS4998 Datasheet HTML 1Page - STMicroelectronics TS4998 Datasheet HTML 2Page - STMicroelectronics TS4998 Datasheet HTML 3Page - STMicroelectronics TS4998 Datasheet HTML 4Page - STMicroelectronics TS4998 Datasheet HTML 5Page - STMicroelectronics TS4998 Datasheet HTML 6Page - STMicroelectronics TS4998 Datasheet HTML 7Page - STMicroelectronics TS4998 Datasheet HTML 8Page - STMicroelectronics TS4998 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
Absolute maximum ratings
TS4998
4/33
2
Absolute maximum ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
1.
All voltage values are measured with respect to the ground pin.
6V
Vin
Input voltage (2)
2.
The magnitude of the input signal must never exceed VCC + 0.3V / GND - 0.3V.
GND to VCC
V
Toper
Operating free air temperature range
-40 to + 85
°C
Tstg
Storage temperature
-65 to +150
°C
Tj
Maximum junction temperature
150
°C
Rthja
Thermal resistance junction to ambient
120
°C/W
Pd
Power dissipation
Internally limited
ESD
Human body model (3)
Digital pins STBYL, STBYR
3.
All voltage values are measured from each pin with respect to supplies.
2
1.5
kV
ESD
Machine model
200
V
Latch-up immunity
200
mA
Table 3.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
2.7 to 5.5
V
VICM
Common mode input voltage range
GND to VCC - 1V
V
VSTBY
Standby voltage input:
Device ON
Device OFF
1.3
≤ VSTBY ≤ VCC
GND
≤ VSTBY ≤0.4
V
RL
Load resistor
≥ 4
Ω
ROUT/GND Output resistor to GND (VSTBY = GND)
≥ 1MΩ
TSD
Thermal shutdown temperature
150
°C
Rthja
Thermal resistance junction to ambient
QFN16(1)
QFN16(2)
1.
When mounted on a 4-layer PCB with vias.
2.
When mounted on a 2-layer PCB with vias.
45
85
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com