Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TS4990IST Datasheet(PDF) 19 Page - STMicroelectronics

Part # TS4990IST
Description  1.2 W audio power amplifier with active low standby mode
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4990IST Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TS4990IST Datasheet HTML 15Page - STMicroelectronics TS4990IST Datasheet HTML 16Page - STMicroelectronics TS4990IST Datasheet HTML 17Page - STMicroelectronics TS4990IST Datasheet HTML 18Page - STMicroelectronics TS4990IST Datasheet HTML 19Page - STMicroelectronics TS4990IST Datasheet HTML 20Page - STMicroelectronics TS4990IST Datasheet HTML 21Page - STMicroelectronics TS4990IST Datasheet HTML 22Page - STMicroelectronics TS4990IST Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
TS4990
Application information
19/32
The graph in Figure 60 shows an example of Cin and Cfeed influence.
Figure 60.
Frequency response gain vs. Cin and Cfeed
4.4
Power dissipation and efficiency
Hypotheses:
Load voltage and current are sinusoidal (Vout and Iout).
Supply voltage is a pure DC source (VCC).
The load can be expressed as:
and
and
Therefore, the average current delivered by the supply voltage is:
The power delivered by the supply voltage is:
10
100
1000
10000
-25
-20
-15
-10
-5
0
5
10
Rin = Rfeed = 22k
Ω
Tamb = 25
°C
Cfeed = 2.2nF
Cfeed = 680pF
Cfeed = 330pF
Cin = 470nF
Cin = 82nF
Cin = 22nF
Frequency (Hz)
V
out = VPEAK sin ωt
(V)
I
out =
V
out
R
L
-------------
(A)
P
out =
V
PEAK
2
2R
L
-------------------------
(W)
I
CC
AVG
=
2
V
PEAK
πR
L
----------------------
(A)
P
supply
V
CC
I
CC
AVG
(W)
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com