Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

T1035H Datasheet(PDF) 9 Page - STMicroelectronics

Part # T1035H
Description  High temperature 10 A Triacs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T1035H Datasheet(HTML) 9 Page - STMicroelectronics

Back Button T1035H Datasheet HTML 2Page - STMicroelectronics T1035H Datasheet HTML 3Page - STMicroelectronics T1035H Datasheet HTML 4Page - STMicroelectronics T1035H Datasheet HTML 5Page - STMicroelectronics T1035H Datasheet HTML 6Page - STMicroelectronics T1035H Datasheet HTML 7Page - STMicroelectronics T1035H Datasheet HTML 8Page - STMicroelectronics T1035H Datasheet HTML 9Page - STMicroelectronics T1035H Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
T1035H, T1050H
Ordering Information
9/10
4
Ordering Information
5
Revision history
Ordering type
Marking
Package
Weight
Base qty
Delivery mode
T10xxH-6G
T10xxH 6G
D2PAK
1.5 g
50
Tube
T10xxH-6G-TR
T10xxH 6G
D2PAK
1.5 g
1000
Tape and reel
T10xxH-6T
T10xxH 6T
TO-220AB
2.3 g
50
Tube
T10xxH-6I
T10xxH 6I
TO-220AB Ins
2.3 g
50
Tube
Date
Revision
Description of Changes
17-Apr-2007
1
First issue



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com