Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7566 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7566
Description  4x40W multifunction quad power amplifier with built-in diagnostics features
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7566 Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7566 Datasheet HTML 1Page - STMicroelectronics TDA7566 Datasheet HTML 2Page - STMicroelectronics TDA7566 Datasheet HTML 3Page - STMicroelectronics TDA7566 Datasheet HTML 4Page - STMicroelectronics TDA7566 Datasheet HTML 5Page - STMicroelectronics TDA7566 Datasheet HTML 6Page - STMicroelectronics TDA7566 Datasheet HTML 7Page - STMicroelectronics TDA7566 Datasheet HTML 8Page - STMicroelectronics TDA7566 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
TDA7566
Block diagram and application & test circuit
5/28
1
Block diagram and application & test circuit
1.1
Block diagram
Figure 1.
Block diagram
1.2
Application and test circuit
Figure 2.
Application and test circuit
I2C BUS
THERMAL
PROTECTION
& DUMP
REFERENCE
CLIP
DETECTOR
F
R
F
SVR
RF
RR
LF
LR
TAB
S_GND
AC_GND
R
IN RF
IN RR
IN LF
IN LR
OUT LR-
PW_GND
OUT LR+
OUT LF-
OUT LF+
OUT RR-
OUT RR+
OUT RF-
OUT RF+
MUTE1 MUTE2
SHORT CIRCUIT
PROTECTION &
DIAGNOSTIC
12/26dB
12/26dB
12/26dB
12/26dB
SHORT CIRCUIT
PROTECTION &
DIAGNOSTIC
SHORT CIRCUIT
PROTECTION &
DIAGNOSTIC
SHORT CIRCUIT
PROTECTION &
DIAGNOSTIC
VCC1
VCC2
DATA
CD_OUT
CLK
D00AU1229
IN RF
C1 0.22
μF
IN RR
C2 0.22
μF
OUT RF
OUT RR
IN LF
C3 0.22
μF
IN LR
C4 0.22
μF
OUT LF
OUT LR
D00AU1212
C5
1
μF
C6
10
μF
TAB
47K
-
+
-
+
-
+
-
+
Vcc1
Vcc2
C8
0.1
μF
C7
3300
μF
DATA
I2C BUS
CLK
12
11
14
15
22
25
13
S-GND
16
10
4
CD OUT
V
620
17
18
19
21
24
23
9
8
7
5
2
3
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com