Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TS4601B Datasheet(PDF) 9 Page - STMicroelectronics

Part # TS4601B
Description  High performance stereo headphone amplifier with capacitorless outputs and I2C bus interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4601B Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TS4601B Datasheet HTML 5Page - STMicroelectronics TS4601B Datasheet HTML 6Page - STMicroelectronics TS4601B Datasheet HTML 7Page - STMicroelectronics TS4601B Datasheet HTML 8Page - STMicroelectronics TS4601B Datasheet HTML 9Page - STMicroelectronics TS4601B Datasheet HTML 10Page - STMicroelectronics TS4601B Datasheet HTML 11Page - STMicroelectronics TS4601B Datasheet HTML 12Page - STMicroelectronics TS4601B Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
TS4601B
Electrical characteristics
9/28
Figure 2.
Current consumption vs. power
supply voltage
Figure 3.
Standby current consumption vs.
power supply voltage
3.0
3.5
4.0
4.5
5.0
5.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Mode 4
Mode 2, 3
No load
SDZ = Vcc
SDA = SCL = Vcc
Ta = 25
°C
Mode 5
Power Supply Voltage (V)
3.0
3.5
4.0
4.5
5.0
5.5
0
200
400
600
800
1000
0
10
20
30
40
50
60
70
80
90
100
SDZ=Gnd
Mode 1, 6, 7, 8
No load
SDA = SCL = Vcc
Ta = 25
°C
Power Supply Voltage (V)
Figure 4.
Standby current consumption vs.
standby voltage
Figure 5.
Maximum output power vs. power
supply voltage
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1E-7
1E-6
1E-5
1E-4
1E-3
Vcc=5V
Vcc=3.6V
Vcc=2.9V
No load
SDA = SCL = Vcc
Ta = 25
°C
SDZ Voltage (V)
3.0
3.5
4.0
4.5
5.0
5.5
0
25
50
75
100
125
150
175
200
225
250
275
300
THD+N=10% (180
°)
THD+N=10% (0
°)
THD+N=1% (0
°)
RL = 16
Ω, F = 1kHz
Left & Right
BW < 30kHz, Tamb = 25
°C
THD+N=1% (180
°)
Vcc (V)
Figure 6.
Maximum output power vs. power
supply voltage
Figure 7.
Maximum output voltage vs. power
supply voltage
3.0
3.5
4.0
4.5
5.0
5.5
0
25
50
75
100
125
150
175
THD+N=10% (180
°)
THD+N=10% (0
°)
THD+N=1% (0
°)
RL = 32
Ω, F = 1kHz
Left & Right
BW < 30kHz, Tamb = 25
°C
THD+N=1% (180
°)
Vcc (V)
3.0
3.5
4.0
4.5
5.0
5.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
THD+N=10% (0
° & 180°)
RL = RC network + 10k
Ω, F = 1kHz
Left & Right
BW < 30kHz, Tamb = 25
°C
THD+N=1% (0
° & 180°)
Vcc (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com