Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7439 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7439
Description  Three-band digitally-controlled audio processor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7439 Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7439 Datasheet HTML 1Page - STMicroelectronics TDA7439 Datasheet HTML 2Page - STMicroelectronics TDA7439 Datasheet HTML 3Page - STMicroelectronics TDA7439 Datasheet HTML 4Page - STMicroelectronics TDA7439 Datasheet HTML 5Page - STMicroelectronics TDA7439 Datasheet HTML 6Page - STMicroelectronics TDA7439 Datasheet HTML 7Page - STMicroelectronics TDA7439 Datasheet HTML 8Page - STMicroelectronics TDA7439 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
TDA7439
Electrical specifications
5/23
Input stage
RIN
Input resistance
70
100
130
k
Ω
VCL
Clipping level
THD = 0.3%
2
2.5
V
RMS
SIN
Input separation
The selected input is
grounded through a 2.2 µF
capacitor
80
100
dB
Gin_min Minimum input gain
-1
0
1
dB
Gin_max Maximum input gain
29
30
31
dB
Gstep
Step resolution
1.5
2
2.5
dB
Volume control
Ri
Volume control input resistance
20
33
50
k
Ω
Crange
Volume control range
45
47
49
dB
Av_max Max. attenuation
45
47
49
dB
Astep
Step resolution
0.5
1
1.5
dB
EA
Attenuation set error
AV = 0 to -24 dB
-1.0
0
1.0
dB
AV = -24 to -47 dB
-1.5
0
1.5
dB
E
Τ
Tracking error
AV = 0 to -24 dB
0
1
dB
AV = -24 to -47 dB
0
2
dB
VDC
DC step
adjacent attenuation steps
from 0 dB to Av_max
0
0.5
3mV
mV
Amute
Mute attenuation
80
100
dB
Bass control (1)
Gb
Control range
Max. boost/cut
±12.0 ±14.0 ±16.0
dB
Bstep
Step resolution
1
2
3
dB
RB
Internal feedback resistance
33
44
55
k
Ω
Treble control (1)
Gt
Control range
Max. boost/cut
±13.0 ±14.0 ±15.0
dB
Tstep
Step resolution
1
2
3
dB
Mid-range control (1)
Gm
Control range
Max. boost/cut
±12.0 ±14.0 ±16.0
dB
Mstep
Step resolution
1
2
3
dB
RM
Internal feedback resistance
18.75
25
31.25
k
Ω
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com