Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7490L Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7490L
Description  20W 20W STEREO CLASS-D AMPLIFIER 40W MONO IN BTL
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7490L Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7490L Datasheet HTML 1Page - STMicroelectronics TDA7490L Datasheet HTML 2Page - STMicroelectronics TDA7490L Datasheet HTML 3Page - STMicroelectronics TDA7490L Datasheet HTML 4Page - STMicroelectronics TDA7490L Datasheet HTML 5Page - STMicroelectronics TDA7490L Datasheet HTML 6Page - STMicroelectronics TDA7490L Datasheet HTML 7Page - STMicroelectronics TDA7490L Datasheet HTML 8Page - STMicroelectronics TDA7490L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
TDA7490L
December 2005
1FEATURES
■ 20W + 20W OUTPUT POWER:
@RL = 8
Ω/4Ω; THD = 10%
■ HIGH EFFICIENCY
■ WIDE SUPPLY VOLTAGE RANGE (FROM ±10
TO ±25V)
■ SPLIT SUPPLY, SINGLE SUPPLY
OPERATION
■ TURN OFF/ON POP FREE
■ ST-BY AND MUTE FEATURES
■ SHORT CIRCUIT PROTECTION ACROSS
THE LOAD
■ THERMAL OVERLOAD PROTECTION
■ EXTERNALLY SINCHRONIZABLE
■ BRIDGE CONFIGURATION
2DESCRIPTION
The TDA7490L is a dual audio class D amplifier
assembled in Flexiwatt 25 package; it is specially
designed for high efficiency application mainly for
TV and Home Stereo sets.
20W + 20W STEREO CLASS-D AMPLIFIER
40W MONO IN BTL
Figure 2. Test and Application Circuit. (Stereo Configuration)
PWM-stage1
G=2.5
PREAMPLIFIER1
INTEGRATOR1
R21 4.7K
C26 470pF C25 470pF
R20
68K
R17 52.3K
C23
2200
µF
C22
100nF
C21
2200
µF
R4
130K
L1 30
µ
INPUT1
OSC
C19
560pF
C20
33nF
C18 330pF
C17
24pF
C16 330pF
R15
100
-VCC
R14 22K
R12 22K
C10
220nF
OUT1
PWM-stage2
L2 30
µ
OUT2
C29
220nF
R13
10K
C15
560pF
R11
100
-VCC
EXT_CK
G=2.5
PREAMPLIFIER2
C8 470pF
C9 470pF
R6
68K
R5 4.7K
C14
33nF
R9 52.3K
+VCC
-VCC
+VCC
+VCC
-VCC
C28
2200
µF
C12
2200
µF
C11
100nF
C1 330nF
C2
1nF
STBY
MUTE
R2
30K
C27
2.2
µF
R1 10K
C3
100nF
C4
100nF
INPUT2
C5 330nF
C6
1nF
-VCC
-VCC
D98AU978A
79
14
2
4
6
10
12
13
16
1
25
18
19
17
20
24
22
21
23
15
8
11
3
5
INTEGRATOR2
R3
10K
C7 100nF
R1 10K
R 6.8
Rev. 2
Figure 1. Package
Table 1. Order Codes
Part Number
Package
TDA7490L
Flexiwatt 25
Flexiwatt 25


Similar Part No. - TDA7490L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7490L STMICROELECTRONICS-TDA7490L Datasheet
172Kb / 9P
15W 15W STEREO CLASS-D AMPLIFIER28W MONO IN BTL
Mar-2001
TDA7490LSA STMICROELECTRONICS-TDA7490LSA Datasheet
188Kb / 13P
15W 15W Stereo Class-D Amplifier
24-Nov-2005
More results

Similar Description - TDA7490L

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9708 MAXIM-MAX9708 Datasheet
781Kb / 24P
20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
Rev 0; 7/05
logo
Monolithic Power System...
EV7722DF-00C MPS-EV7722DF-00C Datasheet
526Kb / 8P
20W Stereo Class D Single Ended Audio Amplifier
logo
Texas Instruments
TAS5601 TI-TAS5601 Datasheet
2Mb / 26P
20W STEREO (BTL) DIGITAL AMPLIFIER POWER STAGE
logo
Maxim Integrated Produc...
MAX9708 MAXIM-MAX9708_13 Datasheet
591Kb / 22P
20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
Rev 3; 4/13
logo
Anpec Electronics Corop...
APA3160A ANPEC-APA3160A Datasheet
1Mb / 38P
20W Stereo Digital Class-D Audio Power Amplifier
logo
Monolithic Power System...
MP7747 MPS-MP7747 Datasheet
656Kb / 14P
20W Class D Mono Single Ended Audio Amplifier
logo
Texas Instruments
TAS5601 TI-TAS5601_15 Datasheet
2Mb / 27P
20W STEREO (BTL) DIGITAL AMPLIFIER POWER STAGE
logo
Diodes Incorporated
PAM8320 DIODES-PAM8320 Datasheet
640Kb / 11P
20W Mono Class D Audio Amplifier
Rev 1
logo
Anpec Electronics Corop...
APA3176 ANPEC-APA3176 Datasheet
737Kb / 45P
20W Stereo Digital Class-D Amplifier
logo
Nuvoton Technology Corp...
NAU83P20 NUVOTON-NAU83P20 Datasheet
1Mb / 28P
20W Stereo Class-D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com