Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7495SA Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7495SA
Description  11 W 11 W amplifier with DC volume control
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7495SA Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7495SA Datasheet HTML 1Page - STMicroelectronics TDA7495SA Datasheet HTML 2Page - STMicroelectronics TDA7495SA Datasheet HTML 3Page - STMicroelectronics TDA7495SA Datasheet HTML 4Page - STMicroelectronics TDA7495SA Datasheet HTML 5Page - STMicroelectronics TDA7495SA Datasheet HTML 6Page - STMicroelectronics TDA7495SA Datasheet HTML 7Page - STMicroelectronics TDA7495SA Datasheet HTML 8Page - STMicroelectronics TDA7495SA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TDA7495SA
Electrical specifications
3/15
2
Electrical specifications
Unless otherwise stated, the test conditions for the specifications given in Table 5 below are:
VS = 20 V, RL = 8 Ω, generator resistance Rg = 50 Ω, Tamb = 25° C. Refer also to the
application circuit of Figure 2 on page 5.
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VS
DC supply voltage
35
V
VIN
Maximum input voltage
8
Vpp
Ptot
Total power dissipation (Tamb = 70° C)
15
W
Tamb
Ambient operating temperature
0 to 70
°C
Tstg,TJ
Storage and junction temperature
-40 to 150
°C
V3
Volume control DC voltage
7
V
Table 4.
Thermal data
Symbol
Parameter
Min
Typ
Max
Unit
Rth j-case Thermal resistance junction-case
4.5
5.0
°C/W
Rth j-amb Thermal resistance junction-ambient
48
°C/W
Table 5.
Electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Vs
Supply voltage range
11
35
V
Iq
Total quiescent current
70
100
mA
DCVos
Output DC offset referred
to SVR potential
No input signal
-650
650
mV
VO
Quiescent output voltage
10
V
PO
Output power
THD = 10%, VS = 28 V
THD = 1%, VS = 28 V
9.5
7.5
11
8
W
THD = 10%, VS = 20 V, RL = 4 Ω
THD = 1%, VS = 20 V, RL = 4 Ω
7
5
8
6
W
THD = 10%, VS = 18 V
THD = 1%, VS = 18 V
3.5
2.2
3.8
2.9
W
THD
Total harmonic distortion
Gv = 30 dB, PO = 1 W, f = 1 kHz
0.4
%
Ipeak
Peak output current
(internally limited)
1.7
2.4
A
VIN
Input signal
2.8
V
RMS
Ri
Input resistance
22.5
30
k
Ω
RVarOut
Output resistance at pins
VAROUT_L, VAROUT_R
30
100
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com