Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7496 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7496
Description  5W5W AMPLIFIER WITH DC VOLUME CONTROL
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7496 Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7496 Datasheet HTML 1Page - STMicroelectronics TDA7496 Datasheet HTML 2Page - STMicroelectronics TDA7496 Datasheet HTML 3Page - STMicroelectronics TDA7496 Datasheet HTML 4Page - STMicroelectronics TDA7496 Datasheet HTML 5Page - STMicroelectronics TDA7496 Datasheet HTML 6Page - STMicroelectronics TDA7496 Datasheet HTML 7Page - STMicroelectronics TDA7496 Datasheet HTML 8Page - STMicroelectronics TDA7496 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5/11
TDA7496
MUTE STAND-BY TRUTH TABLE
Turn ON/OFF Sequences (for optimizing the POP performances)
Figure 1. USING ONLY THE MUTE FUNCTION
USING ONLY THE MUTE FUNCTION
To semplify the application, the stand-by pin can be connected directly to Ground. During the ON/OFF transi-
tions is recommended to respect the following conditions:
– At the turn-on the transition mute to mute - play must be made when the SVR pin is higher than 2.5V
– At the turn-off the TDA7496 must be brought to mute from the play condition when the SVR pin is
higher than 2.5V.
MUTE
St-BY
OPERATING CONDITION
H
H
STAND-BY
L
H
STAND-BY
H
L
MUTE
L
L
PLAY
OFF
STBY MUTE
PLAY
STBY
OFF
MUTE
VS (V)
5
ST-BY
pin#9 (V)
5
MUTE
pin#10 (V)
INPUT
(mV)
VOUT
(V)
IQ
(mA)
D97AU684
VSVR
pin#7(V)
2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com