Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M74HC151 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC151
Description  8 CHANNEL MULTIPLEXER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC151 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC151 Datasheet HTML 1Page - STMicroelectronics M74HC151 Datasheet HTML 2Page - STMicroelectronics M74HC151 Datasheet HTML 3Page - STMicroelectronics M74HC151 Datasheet HTML 4Page - STMicroelectronics M74HC151 Datasheet HTML 5Page - STMicroelectronics M74HC151 Datasheet HTML 6Page - STMicroelectronics M74HC151 Datasheet HTML 7Page - STMicroelectronics M74HC151 Datasheet HTML 8Page - STMicroelectronics M74HC151 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
July 2001
s
HIGH SPEED:
tPD = 17ns (TYP.) at VCC = 6V
s
LOW POWER DISSIPATION:
ICC = 4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 151
DESCRIPTION
The M74HC151 is an high speed CMOS 8
CHANNEL MULTIPLEXER fabricated with silicon
gate C2MOS technology.
It provides, in one package, the ability to select
one bit of data from up to eight sources. The
M74HC151 can be used as a universal function
generator to generate any logic function of four
variables. Outputs Y and W are complementary;
the selection depends on the address inputs A, B,
and C. The strobe input must be taken low to
enable this device, when the strobe is high W
output is forced high and consequently Y output
goes low. All inputs are equipped with protection
circuits against static discharge and transient
excess voltage.
M74HC151
8 CHANNEL MULTIPLEXER
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC151B1R
SOP
M74HC151M1R
M74HC151RM13TR
TSSOP
M74HC151TTR
TSSOP
DIP
SOP


Similar Part No. - M74HC151

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC151 STMICROELECTRONICS-M74HC151 Datasheet
248Kb / 11P
8 CHANNEL MULTIPLEXER
Feb-1993
M74HC151B1R STMICROELECTRONICS-M74HC151B1R Datasheet
248Kb / 11P
8 CHANNEL MULTIPLEXER
Feb-1993
M74HC151C1R STMICROELECTRONICS-M74HC151C1R Datasheet
248Kb / 11P
8 CHANNEL MULTIPLEXER
Feb-1993
M74HC151M1R STMICROELECTRONICS-M74HC151M1R Datasheet
248Kb / 11P
8 CHANNEL MULTIPLEXER
Feb-1993
More results

Similar Description - M74HC151

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC151 STMICROELECTRONICS-M54HC151 Datasheet
248Kb / 11P
8 CHANNEL MULTIPLEXER
Feb-1993
logo
Fairchild Semiconductor
MM74HC151 FAIRCHILD-MM74HC151 Datasheet
71Kb / 7P
8-Channel Digital Multiplexer
logo
Toshiba Semiconductor
TC74ACT151P TOSHIBA-TC74ACT151P Datasheet
265Kb / 6P
8 CHANNEL MULTIPLEXER
TC74HC151AFN TOSHIBA-TC74HC151AFN Datasheet
292Kb / 7P
8 - CHANNEL MULTIPLEXER
TC74AC151F TOSHIBA-TC74AC151F Datasheet
272Kb / 6P
8 CHANNEL MULTIPLEXER
TC74HC151AP TOSHIBA-TC74HC151AP_07 Datasheet
340Kb / 10P
8-Channel Multiplexer
TC74AC151F TOSHIBA-TC74AC151F_12 Datasheet
267Kb / 8P
8-Channel Multiplexer
TC74ACT151F TOSHIBA-TC74ACT151F_12 Datasheet
264Kb / 7P
8-Channel Multiplexer
logo
Maxwell Technologies
338RPFS MAXWELL-338RPFS Datasheet
431Kb / 14P
8-CHANNEL MULTIPLEXER
logo
Fairchild Semiconductor
74VHC4051MX FAIRCHILD-74VHC4051MX Datasheet
441Kb / 16P
8-Channel Analog Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com