Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M74HC151M1R Datasheet(PDF) 2 Page - STMicroelectronics

Part # M74HC151M1R
Description  8 CHANNEL MULTIPLEXER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC151M1R Datasheet(HTML) 2 Page - STMicroelectronics

  M74HC151M1R Datasheet HTML 1Page - STMicroelectronics M74HC151M1R Datasheet HTML 2Page - STMicroelectronics M74HC151M1R Datasheet HTML 3Page - STMicroelectronics M74HC151M1R Datasheet HTML 4Page - STMicroelectronics M74HC151M1R Datasheet HTML 5Page - STMicroelectronics M74HC151M1R Datasheet HTML 6Page - STMicroelectronics M74HC151M1R Datasheet HTML 7Page - STMicroelectronics M74HC151M1R Datasheet HTML 8Page - STMicroelectronics M74HC151M1R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
M74HC151
2/12
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
X : Don’t Care
PIN No
SYMBOL
NAME AND FUNCTION
4, 3, 2, 1, 15,
14, 13, 12
D0 to D7
Multiplexer Inputs
5
Y
Multiplexer Output
6
W
Complementary
Multiplexer Output
7
STROBE
Strobe Input
11, 10, 9
A, B, C
Select Inputs
8
GND
Ground (0V)
16
VCC
Positive Supply Voltage
INPUTS
OUTPUTS
SELECT
STROBE
YW
CBA
S
XXX
HL
H
LLLL
D0
D0
L
LHL
D1
D1
LHL
L
D2
D2
LH
HL
D3
D3
H
LLL
D4
D4
HLHL
D5
D5
HH
L
L
D6
D6
HHH
L
D7
D7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com