Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M74HC165 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M74HC165
Description  8-bit PISO shift register
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC165 Datasheet(HTML) 4 Page - STMicroelectronics

  M74HC165 Datasheet HTML 1Page - STMicroelectronics M74HC165 Datasheet HTML 2Page - STMicroelectronics M74HC165 Datasheet HTML 3Page - STMicroelectronics M74HC165 Datasheet HTML 4Page - STMicroelectronics M74HC165 Datasheet HTML 5Page - STMicroelectronics M74HC165 Datasheet HTML 6Page - STMicroelectronics M74HC165 Datasheet HTML 7Page - STMicroelectronics M74HC165 Datasheet HTML 8Page - STMicroelectronics M74HC165 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Pin settings
M74HC165
4/21
2
Pin settings
2.1
Pin connection
Figure 3.
Pin connection (top through view)
2.2
Pin description
Table 2.
Pin description
Pin number
Symbol
Name and function
1SHIFT/LOAD
Data inputs
2
CLOCK
Clock input (low to high, edge triggered)
7QH
Complementary output
9
QH
Serial output
10
SI
Serial input
11, 12, 13, 14, 3, 4, 5, 6
A to H
Parallel data inputs
15
CLOCK INH
Clock inhibit
8
GND
Ground (0 V)
16
VCC
Positive supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com