Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

XC6213 Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC6213
Description  High Speed LDO Regulators, Low ESR Cap. Compatible, Ultra Small Package
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6213 Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC6213_2 Datasheet HTML 7Page - Torex Semiconductor XC6213_2 Datasheet HTML 8Page - Torex Semiconductor XC6213_2 Datasheet HTML 9Page - Torex Semiconductor XC6213_2 Datasheet HTML 10Page - Torex Semiconductor XC6213_2 Datasheet HTML 11Page - Torex Semiconductor XC6213_2 Datasheet HTML 12Page - Torex Semiconductor XC6213_2 Datasheet HTML 13Page - Torex Semiconductor XC6213_2 Datasheet HTML 14Page - Torex Semiconductor XC6213_2 Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
11/28
XC6213
Series
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(2) Output Voltage vs. Input Voltage
VIN=VCE, Ta=25℃, CIN=1.0μF, CL=3.3μF (ceramic)
VIN=VCE, Ta=25℃, CIN=1.0μF, CL=3.3μF (ceramic)
VIN=VCE, Ta=25℃, CIN=CL=1.0μF (ceramic)
VIN=VCE, Ta=25℃, CIN=CL=1.0μF (ceramic)
VIN=VCE, Ta=25℃, CIN=CL=1.0μF (ceramic)
Input Voltage: VIN (V)
Input Voltage: VIN (V)
Input Voltage: VIN (V)
Input Voltage: VIN (V)
Input Voltage: VIN (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com