Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STP36NE06 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP36NE06
Description  N - CHANNEL 60V - 0.032ohm - 36A - TO-220/TO-220FP STripFET POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP36NE06 Datasheet(HTML) 1 Page - STMicroelectronics

  STP36NE06 Datasheet HTML 1Page - STMicroelectronics STP36NE06 Datasheet HTML 2Page - STMicroelectronics STP36NE06 Datasheet HTML 3Page - STMicroelectronics STP36NE06 Datasheet HTML 4Page - STMicroelectronics STP36NE06 Datasheet HTML 5Page - STMicroelectronics STP36NE06 Datasheet HTML 6Page - STMicroelectronics STP36NE06 Datasheet HTML 7Page - STMicroelectronics STP36NE06 Datasheet HTML 8Page - STMicroelectronics STP36NE06 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
STP36NE06
STP36NE06FP
N - CHANNEL 60V - 0.032
Ω - 36A - TO-220/TO-220FP
STripFET
™ POWER MOSFET
s
TYPICAL RDS(on) = 0.032
Ω
s
EXCEPTIONAL dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
LOW GATE CHARGE 100
oC
s
APPLICATION ORIENTED
CHARACTERIZATION
DESCRIPTION
This Power Mosfet is the latest development of
SGS-THOMSON unique ”Single Feature Size
™ ”
strip-based process. The resulting transistor
shows extremely high packing density for low on-
resistance, rugged avalance characteristics and
less critical alignment steps therefore a remark-
able manufacturing reproducibility.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SOLENOID AND RELAY DRIVERS
s
MOTOR CONTROL, AUDIO AMPLIFIERS
s
DC-DC & DC-AC CONVERTERS
®
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Uni t
STP36NE06
STP36NE06FP
VDS
Drain-source Volt age (VGS =0)
60
V
VDGR
Drain- gate Voltage (RGS =20 k
Ω)
60
V
VGS
Gat e-source Voltage
± 20
V
ID
Drain Current (continuous) at Tc =25
o C36
20
A
ID
Drain Current (continuous) at Tc =100
oC24
14
A
IDM(
•)
Drain Current (pulsed)
144
144
A
Ptot
Tot al Dissipation at Tc =25
oC100
35
W
Derating F act or
0.66
0. 27
W/
oC
VISO
Insulat ion Withstand Volt age (DC)
2000
V
dv/dt
Peak Diode Recovery voltage slope
7
V/ ns
Tstg
Storage T emperat ure
-65 to 175
oC
Tj
Max. O perating Junction Temperature
175
oC
(
•) Pulse width limited by safe operating area
(1)ISD
≤ 36 A,di/dt ≤ 300 A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX
TYPE
VDSS
RDS(on)
ID
ST P36NE06
ST P36NE06FP
60 V
60 V
<0.040
Ω
<0.040
Ω
36 A
20 A
July 1998
TO-220
TO-220FP
1
2
3
1
2
3
1/9


Similar Part No. - STP36NE06

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
STP36NE06 NJSEMI-STP36NE06 Datasheet
153Kb / 3P
N - CHANNEL 60V - 0.032Q - 36A - TO-220/TO-220FP STripFET??POWER MOSFET
logo
Inchange Semiconductor ...
STP36NE06 ISC-STP36NE06 Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
logo
New Jersey Semi-Conduct...
STP36NE06FP NJSEMI-STP36NE06FP Datasheet
153Kb / 3P
N - CHANNEL 60V - 0.032Q - 36A - TO-220/TO-220FP STripFET??POWER MOSFET
logo
Inchange Semiconductor ...
STP36NE06FP ISC-STP36NE06FP Datasheet
318Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP36NE06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP16NE06 STMICROELECTRONICS-STP16NE06 Datasheet
337Kb / 9P
N - CHANNEL 60V - 0.08 ohm - 16A - TO-220/TO-220FP STripFET POWER MOSFET
Jun-1998
STP20NE06 STMICROELECTRONICS-STP20NE06 Datasheet
104Kb / 9P
N - CHANNEL 60V - 0.06 ohm - 20A TO-220/TO-220FP STripFET POWER MOSFET
Jun-1999
STP20NE06L STMICROELECTRONICS-STP20NE06L Datasheet
104Kb / 9P
N - CHANNEL 60V - 0.06 ohm - 20A TO-220/TO-220FP STripFET POWER MOSFET
Apr-1999
STP30NE06 STMICROELECTRONICS-STP30NE06 Datasheet
48Kb / 6P
N - CHANNEL 60V - 0.042 ohm - 30A - TO-220/TO-220FP STripFET POWER MOSFET
Jan-1999
STP45NE06L STMICROELECTRONICS-STP45NE06L Datasheet
88Kb / 6P
N - CHANNEL 60V - 0.022ohm - 45A - TO-220/TO-220FP STripFET POWER MOSFET
Jun-1999
STP60NE06L-16 STMICROELECTRONICS-STP60NE06L-16 Datasheet
106Kb / 9P
N - CHANNEL 60V - 0.014ohm - 60A TO-220/TO-220FP STripFET POWER MOSFET
May-2000
STP60NF06FP STMICROELECTRONICS-STP60NF06FP Datasheet
330Kb / 9P
N-CHANNEL 60V - 0.014ohm - 60A TO-220/TO-220FP STripFET™ POWER MOSFET
Jan-2002
STP36NF06 STMICROELECTRONICS-STP36NF06 Datasheet
310Kb / 9P
N-channel 60V - 0.032 - 30A - TO-220/TO-220FP STripFET II Power MOSFET
Oct-2003
STP36NF06L STMICROELECTRONICS-STP36NF06L Datasheet
436Kb / 14P
N-channel 60V - 0.032ohm - 30A - TO-220 - D2PAK STripFET TM II Power MOSFET
26-Jun-2006
logo
New Jersey Semi-Conduct...
STP36NE06 NJSEMI-STP36NE06 Datasheet
153Kb / 3P
N - CHANNEL 60V - 0.032Q - 36A - TO-220/TO-220FP STripFET??POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com