Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AMIS-42673 Datasheet(PDF) 6 Page - AMI SEMICONDUCTOR

Part # AMIS-42673
Description  High Speed CAN Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-42673 Datasheet(HTML) 6 Page - AMI SEMICONDUCTOR

Back Button AMIS-42673 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-42673 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-42673 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-42673 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-42673 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-42673 Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-42673 Datasheet HTML 8Page - AMI SEMICONDUCTOR AMIS-42673 Datasheet HTML 9Page - AMI SEMICONDUCTOR AMIS-42673 Datasheet HTML 10Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AMIS-42673 High Speed CAN Transceiver
Data Sheet
For Long Networks
8.4 DC Characteristics
VCC = 4.75 to 5.25V; V33 = 2.9V to 3.6V; Tjunc = -40 to +150 °C; RLT = 60 unless specified otherwise
Table 6: Characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Supply (pin VCC and pin V33)
ICC
Supply current
Dominant;
VTXD = 0V
Recessive;
VTXD = VCC
45
4
65
8
mA
mA
I33
I/O interface current
V33 = 3.3V; CL = 20pF;
recessive
1
µA
I33
I/O interface current
(1)
V33 = 3.3V; CL = 20pF;
1Mbps
170
µA
Transmitter Data Input (pin TxD)
VIH
HIGH-level input voltage
Output recessive
2.0
-
VCC
V
VIL
LOW-level input voltage
Output dominant
-0.3
-
+0.8
V
IIH
HIGH-level input current
VTxD = V33
-1
0
+1
µA
IIL
LOW-level input current
VTxD = 0V
-50
-200
-300
µA
Ci
Input capacitance
(1)
-
5
10
pF
Receiver Data Output (pin RxD)
VOH
HIGH-level output voltage
IRXD = - 10mA
0.7 x V33
0.75 x
V33
V
VOL
LOW-level output voltage
IRXD = 5mA
0.18
0.35
V
Ioh
HIGH-level output current
(1)
VRxD = 0.7 x V33
-10
-15
-20
mA
Iol
LOW-level output current
(1)
VRxD = 0.45V
5
10
15
mA
Reference Voltage Output (pin VREF)
VREF
Reference output voltage
-50
µA <
IVREF < +50µA
0.45 x VCC
0.50 x
VCC
0.55 x
VCC
V
VREF_CM
Reference output voltage for full common-
mode range
-35V <
VCANH < +35V;
-35V <
VCANL < +35V
0.40 x VCC
0.50 x
VCC
0.60 x
VCC
V
Bus Lines (pins CANH and CANL)
Vo(reces)(CANH)
Recessive bus voltage at pin CANH
VTxD = VCC; no load
2.0
2.5
3.0
V
Vo(reces)(CANL)
Recessive bus voltage at pin CANL
VTxD = VCC; no load
2.0
2.5
3.0
V
Io(reces) (CANH)
Recessive output current at pin CANH
-35V <
VCANH < +35V;
0V < VCC < 5.25V
-2.5
-
+2.5
mA
Io(reces) (CANL)
Recessive output current at pin CANL
-35V <
VCANL < +35V;
0V < VCC < 5.25V
-2.5
-
+2.5
mA
Vo(dom) (CANH)
Dominant output voltage at pin CANH
VTxD = 0V
3.0
3.6
4.25
V
Vo(dom) (CANL)
Dominant output voltage at pin CANL
VTxD = 0V
0. 5
1.4
1.75
V
VTxD = 0V; dominant;
42.5
< RLT < 60
1.5
2.25
3.0
V
Vi(dif) (bus)
Differential bus input voltage (
VCANH -
VCANL)
VTxD = VCC; recessive;
no load
-120
0
+50
mV
Io(sc) (CANH)
Short circuit output current at pin CANH
VCANH = 0V;VTxD = 0V
-45
-70
-95
mA
Io(sc) (CANL)
Short circuit output current at pin CANL
VCANL = 36V; VTxD = 0V
45
70
120
mA
Vi(dif)(th)
Differential receiver threshold voltage
-5V <
VCANL < +12V;
-5V <
VCANH < +12V;
see Figure 5
0.5
0.7
0.9
V
Vihcm(dif) (th)
Differential receiver threshold voltage for
high common-mode
-35V <
VCANL < +35V;
-35V <
VCANH < +35V;
see Figure 5
0.25
0.7
1.05
V
Vi(dif) (hys)
Differential receiver input voltage hysteresis
-35V <
VCANL < +35V;
-35V <
VCANH < +35V;
see Figure 5
50
70
100
mV
Ri(cm)(CANH)
Common-mode input resistance at pin CANH
15
25
37
K
Ri(cm) (CANL)
Common-mode input resistance at pin
CANL
15
25
37
K
Ri(cm)(m)
Matching between pin CANH and pin CANL
common-mode input resistance
VCANH = VCANL
-3
0
+3
%
Ri(dif)
Differential input resistance
25
50
75
K
6
AMI Semiconductor – October 07, Rev. 1.0
www.amis.com
Specifications subject to change without notice



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com