Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AMIS-42675 Datasheet(PDF) 5 Page - AMI SEMICONDUCTOR

Part # AMIS-42675
Description  High-Speed Low Power CAN Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-42675 Datasheet(HTML) 5 Page - AMI SEMICONDUCTOR

  AMIS-42675 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-42675 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-42675 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-42675 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-42675 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-42675 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-42675 Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-42675 Datasheet HTML 8Page - AMI SEMICONDUCTOR AMIS-42675 Datasheet HTML 9Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AMIS-42675 High-Speed Low Power CAN Transceiver
Data Sheet
For Long Networks
8.0 Electrical Characteristics
8.1 Definitions
All voltages are referenced to GND (pin 2). Positive currents flow into the IC. Sinking current means the current is flowing into the pin;
sourcing current means the current is flowing out of the pin.
8.2 Absolute Maximum Ratings
Stresses above those listed in the following table may cause permanent device failure. Exposure to absolute maximum ratings for
extended periods may affect device reliability.
Table 5: Absolute Maximum Ratings
Symbol
Parameter
Conditions
Min.
Max.
Unit
VCC
Supply voltage
-0.3
+7
V
VCANH
DC voltage at pin CANH
0 < VCC < 5.25V; no time limit
-50
+50
V
VCANL
DC voltage at pin CANL
0 < VCC < 5.25V; no time limit
-50
+50
V
VSPLIT
DC voltage at pin VSPLIT
0 < VCC < 5.25V; no time limit
-50
+50
V
VTxD
DC voltage at pin TxD
-0.3
VCC + 0.3
V
VRxD
DC voltage at pin RxD
-0.3
VCC + 0.3
V
VSTB
DC voltage at pin STB
-0.3
VCC + 0.3
V
Vtran(CANH)
Transient voltage at pin CANH
Note 1
-300
+300
V
Vtran(CANL)
Transient voltage at pin CANL
Note 1
-300
+300
V
Vtran(VSPLIT)
Transient voltage at pin VSPLIT
Note 1
-300
+300
V
Vesd(
Electrostatic discharge voltage at all pins
Note 2
Note 4
-5
-750
+5
+750
kV
V
Latch-up
Static latch-up at all pins
Note 3
120
mA
Tstg
Storage temperature
-55
+150
°C
Tamb
Ambient temperature
-40
+125
°C
Tjunc
Maximum junction temperature
-40
+170
°C
Notes:
1) Applied transient waveforms in accordance with ISO 7637 part 3, test pulses 1, 2, 3a, and 3b (see Figure 4).
2) Standardized human body model electrostatic discharge (ESD) pulses in accordance to MIL883 method 3015.7.
3) Static latch-up immunity: Static latch-up protection level when tested according to EIA/JESD78.
4) Standardized charged device model ESD pulses when tested according to EOS/ESD DS5.3-1993.
8.3 Thermal Characteristics
Table 6: Thermal Characteristics
Symbol
Parameter
Conditions
Value
Unit
Rth(vj-a)
Thermal resistance from junction to ambient in SO8 package
In free air
145
K/W
Rth(vj-s)
Thermal resistance from junction to substrate of bare die
In free air
45
K/W
5
AMI Semiconductor
–October 07, Rev. 1.0
www.amis.com
Specifications subject to change without notice



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com