Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ZMDKBBA45W Datasheet(PDF) 1 Page - SunLED Corporation

Part # ZMDKBBA45W
Description  3.5x2.8mm PLCC4 SMD LED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

ZMDKBBA45W Datasheet(HTML) 1 Page - SunLED Corporation

  ZMDKBBA45W Datasheet HTML 1Page - SunLED Corporation ZMDKBBA45W Datasheet HTML 2Page - SunLED Corporation ZMDKBBA45W Datasheet HTML 3Page - SunLED Corporation ZMDKBBA45W Datasheet HTML 4Page - SunLED Corporation ZMDKBBA45W Datasheet HTML 5Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.SunLED.com
Published Date : FEB 25, 2008
Drawing No : SDSA6172
V1
Checked : B.L.LIU
P.1/5
Part Number:
ZMDKBBA45W
3.5x2.8mm PLCC4 SMD LED
Features
BOTH CHIPS CAN BE CONTROLLED SEPARATELY.
SUITABLE FOR ALL SMT ASSEMBLY AND
SOLDER PROCESS.
AVAILABLE ON TAPE AND REEL.
PACKAGE: 1500PCS / REEL.
MOISTURE SENSITIVITY LEVEL : LEVEL 4.
RoHS COMPLIANT.
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3. Specifications are subject to change without notice.
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=20mA)
mcd
Wavelength
nm
λ P
Viewing
Angle
2
θ 1/2
min.
typ.
ZMDKBBA45W
Red
InGaAlP
Water Clear
70
198
650
Blue
InGaN
36
69
468
120
°
Operating Characteristics
(TA=25°C)
MDK
(InGaAlP)
BBA
(InGaN)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
1.95
3.2
V
Forward Voltage (Max.)
(IF=20mA)
VF
2.5
4.0
V
Wavelength Of Peak
Emission (Typ.)
(IF=20mA)
λ P
650
468
nm
Wavelength Of Dominant
Emission (Typ.)
(IF=20mA)
λ D
635
470
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=20mA)
Δλ
28
21
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
35
100
pF
Reverse Current (Max.)
(VR=5V)
IR
10
10
uA
Absolute Maximum Ratings
(TA=25°C)
MDK
(InGaAlP)
BBA
(InGaN)
Unit
Reverse Voltage
VR
5
5
V
Forward Current
IF
30
30
mA
Forward Current (Peak)
1/10Duty Cycle
0.1ms Pulse Width
iFS
185
100
mA
Power Dissipation
PT
75
120
mW
-
1000
V
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
Electrostatic Discharge Thresh-
old (HBM)
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
yalin
數位簽署者:yalin
DN:cn=yalin, o, ou,
email=sjhou@cn.
kingbright.com, c=<無>
日期︰2008.02.26
15:25:05 +08'00'


Similar Part No. - ZMDKBBA45W

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
ZMDKBBA55W-7 SUNLED-ZMDKBBA55W-7 Datasheet
218Kb / 5P
3.2mm x 1.6mm BI-COLOR SURFACE MOUNT LED LAMP
ZMDKBBA55W-8 SUNLED-ZMDKBBA55W-8 Datasheet
225Kb / 5P
3.2x1.6mm SMD CHIP LED LAMP
ZMDKBBA56W SUNLED-ZMDKBBA56W Datasheet
225Kb / 5P
3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
ZMDKBBA57W SUNLED-ZMDKBBA57W Datasheet
228Kb / 5P
3.0x2.5mm SURFACE MOUNT LED LAMP
ZMDKBBA57W-1 SUNLED-ZMDKBBA57W-1 Datasheet
228Kb / 5P
3.0x2.5mm SURFACE MOUNT LED LAMP
More results

Similar Description - ZMDKBBA45W

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
ZM2BG45FW SUNLED-ZM2BG45FW Datasheet
194Kb / 4P
3.5x2.8mm PLCC2 SMD LED
ZMDKVG45W SUNLED-ZMDKVG45W Datasheet
238Kb / 5P
3.5x2.8mm PLCC4 SMD LED
logo
Visual Communications C...
VAOS-SP4W4 VCC-VAOS-SP4W4 Datasheet
490Kb / 7P
PLCC4 SMD TYPE LED
logo
Marktech Corporate
CLA2A MARKTECH-CLA2A Datasheet
720Kb / 10P
PLCC4 SMD LED
CLA2A MARKTECH-CLA2A_15 Datasheet
720Kb / 10P
PLCC4 SMD LED
logo
Cree, Inc
CLA1BWKWMKW CREE-CLA1BWKWMKW Datasheet
723Kb / 14P
PLCC4 SMD LED
CLA2A-WKW CREE-CLA2A-WKW Datasheet
649Kb / 10P
PLCC4 SMD LED
logo
SunLED Corporation
XZYG45WT-9HTA SUNLED-XZYG45WT-9HTA Datasheet
267Kb / 6P
3.5x2.8mm PLCC2 SMD LED
XZYG45WTHTA SUNLED-XZYG45WTHTA Datasheet
269Kb / 6P
3.5x2.8mm PLCC2 SMD LED
XZMECBDDG45SHTA SUNLED-XZMECBDDG45SHTA Datasheet
431Kb / 10P
3.5x2.8mm PLCC4 SMD LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com