Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ZMDKBBA56W Datasheet(PDF) 1 Page - SunLED Corporation

Part # ZMDKBBA56W
Description  3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

ZMDKBBA56W Datasheet(HTML) 1 Page - SunLED Corporation

  ZMDKBBA56W Datasheet HTML 1Page - SunLED Corporation ZMDKBBA56W Datasheet HTML 2Page - SunLED Corporation ZMDKBBA56W Datasheet HTML 3Page - SunLED Corporation ZMDKBBA56W Datasheet HTML 4Page - SunLED Corporation ZMDKBBA56W Datasheet HTML 5Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Published Date : FEB 25, 2008
Drawing No : SDSA5121
V2
Checked : B.L.LIU
P.1/5
Part Number:
ZMDKBBA56W
3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
www.SunLED.com
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.15(0.006") unless otherwise noted.
3.Specifications are subject to change without notice.
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=20mA)
mcd
Wavelength
nm
λ P
Viewing
Angle
2
θ 1/2
min.
typ.
ZMDKBBA56W
Red
InGaAlP
Water Clear
110
198
650
Blue
InGaN
18
59
468
140°
Features
3.0mmx1.0mm RIGHT ANGLE SMT LED, 2.0mm
THICKNESS.
LOW POWER CONSUMPTION.
WIDE VIEWING ANGLE.
IDEAL FOR BACKLIGHT AND INDICATOR.
VARIOUS COLORS AND LENS TYPES AVAILABLE.
PACKAGE : 2000PCS / REEL.
MOISTURE SENSITIVITY LEVEL : LEVEL 3.
RoHS COMPLIANT.
PRELIMINARY SPEC
Operating Characteristics
(TA=25°C)
MDK
(InGaA
lP)
BBA
(InGa
N)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
1.95
3.2
V
Forward Voltage (Max.)
(IF=20mA)
VF
2.5
4.0
V
Reverse Current (Max.)
(VR=5V)
IR
10
10
uA
Wavelength of Peak
Emission (Typ.)
(IF=20mA)
λ P
650
468
nm
Wavelength of Dominant
Emission (Typ.)
(IF=20mA)
λ D
635
470
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=20mA)
Δλ
28
21
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
35
100
pF
Absolute Maximum Ratings
(TA=25°C)
MDK
(InGaA
lP)
BBA
(InG
aN)
Unit
Reverse Voltage
VR
5
5
V
Forward Current
IF
30
30
mA
Forward Current (Peak)
1/10Duty Cycle
0.1ms Pulse Width
iFS
185
100
mA
Power Dissipation
PT
75
120
mW
Electrostatic Discharge Threshold
(HBM)
-
1000
V
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES


Similar Part No. - ZMDKBBA56W

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
ZMDKBBA55W-7 SUNLED-ZMDKBBA55W-7 Datasheet
218Kb / 5P
3.2mm x 1.6mm BI-COLOR SURFACE MOUNT LED LAMP
ZMDKBBA55W-8 SUNLED-ZMDKBBA55W-8 Datasheet
225Kb / 5P
3.2x1.6mm SMD CHIP LED LAMP
ZMDKBBA57W SUNLED-ZMDKBBA57W Datasheet
228Kb / 5P
3.0x2.5mm SURFACE MOUNT LED LAMP
ZMDKBBA57W-1 SUNLED-ZMDKBBA57W-1 Datasheet
228Kb / 5P
3.0x2.5mm SURFACE MOUNT LED LAMP
ZMDKBBA59W-1 SUNLED-ZMDKBBA59W-1 Datasheet
219Kb / 5P
1.6x1.5mm BI-COLOR SMD CHIP LED LAMP
More results

Similar Description - ZMDKBBA56W

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APFA3010SURCGKPBAC KINGBRIGHT-APFA3010SURCGKPBAC Datasheet
224Kb / 7P
3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APFA3010SURKCGKPBAC KINGBRIGHT-APFA3010SURKCGKPBAC Datasheet
250Kb / 7P
3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
logo
SunLED Corporation
ZMDKBBABGA56W SUNLED-ZMDKBBABGA56W Datasheet
257Kb / 6P
3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
logo
Kingbright Corporation
APFA3010LSEKJ3ZGKQBC KINGBRIGHT-APFA3010LSEKJ3ZGKQBC Datasheet
376Kb / 7P
3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APFA3010SEEZGKQBKC KINGBRIGHT-APFA3010SEEZGKQBKC Datasheet
312Kb / 7P
3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APFA3010SEEZGQBDC KINGBRIGHT-APFA3010SEEZGQBDC Datasheet
311Kb / 7P
3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APFA3010SEKJ3ZGKQBKC KINGBRIGHT-APFA3010SEKJ3ZGKQBKC Datasheet
358Kb / 7P
3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APFA3010SURKZGSYKC KINGBRIGHT-APFA3010SURKZGSYKC Datasheet
357Kb / 7P
3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
KPFA-3011BZ1RGZ1C-132-F TO-GRACE-KPFA-3011BZ1RGZ1C-132-F Datasheet
2Mb / 7P
3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
logo
SunLED Corporation
XZCBDDGME56W SUNLED-XZCBDDGME56W Datasheet
314Kb / 4P
3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com