Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PM6600 Datasheet(PDF) 9 Page - STMicroelectronics

Part # PM6600
Description  6-row 32 mA LED driver with boost regulator for LCD panel backlight
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6600 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button PM6600 Datasheet HTML 5Page - STMicroelectronics PM6600 Datasheet HTML 6Page - STMicroelectronics PM6600 Datasheet HTML 7Page - STMicroelectronics PM6600 Datasheet HTML 8Page - STMicroelectronics PM6600 Datasheet HTML 9Page - STMicroelectronics PM6600 Datasheet HTML 10Page - STMicroelectronics PM6600 Datasheet HTML 11Page - STMicroelectronics PM6600 Datasheet HTML 12Page - STMicroelectronics PM6600 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
PM6600
Electrical characteristics
9/43
4
Electrical characteristics
VIN = 12 V; TA = 0 °C to 85 °C and MODE connected to AVCC unless specified
(1).
Table 6.
Electrical characteristics
Symbol
Parameter
Test condition
Values
Unit
Min
Typ
Max
Supply section
VLDO5, VAVCC LDO output and IC supply voltage
EN High,
ILDO5 = 0 mA
4.6
5
5.5
V
IIN,Q
Operating quiescent current
RRILIM = 51 kΩ,
RBILIM = 220 kΩ,
RSLOPE = 680 kΩ
DIM tied to SGND.
1mA
IIN,SHDN
Operating current in shutdown
EN low
20
30
µA
VUVLO,ON
LDO5 under voltage lockout upper
threshold
4.6
4.75
V
VUVLO,OFF
LDO5 under voltage lockout lower
threshold
3.8
4.0
LDO linear regulator
Line regulation
6 V = VIN = 28 V,
ILDO5 = 30 mA
25
mV
LDO dropout voltage
VIN = 4.3 V,
ILDO5 = 10 mA
80
120
LDO maximum output current limit
VLDO5 > VUVLO,ON
25
40
60
mA
VLDO5 < VUVLO,OFF
30
1. TA = TJ. All parameters at operating temperature extremes are guaranteed by design and statistical analysis
(not production tested)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com