Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PM6681A Datasheet(PDF) 9 Page - STMicroelectronics

Part # PM6681A
Description  Dual synchronous step-down controller with adjustable LDO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6681A Datasheet(HTML) 9 Page - STMicroelectronics

Back Button PM6681A Datasheet HTML 5Page - STMicroelectronics PM6681A Datasheet HTML 6Page - STMicroelectronics PM6681A Datasheet HTML 7Page - STMicroelectronics PM6681A Datasheet HTML 8Page - STMicroelectronics PM6681A Datasheet HTML 9Page - STMicroelectronics PM6681A Datasheet HTML 10Page - STMicroelectronics PM6681A Datasheet HTML 11Page - STMicroelectronics PM6681A Datasheet HTML 12Page - STMicroelectronics PM6681A Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
PM6681A
Maximum ratings
9/47
4
Maximum ratings
Table 3.
Absolute maximum ratings
Parameter
Value
Unit
V5SW, LDO5 to PGND
-0.3 to 6
V
VIN to PGND
-0.3 to 36
V
HGATEx and BOOTx, to PHASEx
-0.3 to 6
V
PHASEx to PGND
-0.6 (1) to36
1.
PHASE to PGND up to -2.5 V for t < 10 ns
V
CSENSEx, to PGND
-0.6 to 42
V
CSENSEx to BOOTx
-6 to 0.3
V
LGATEx to PGND
-0.3 (2) to LDO5 +0.3
2.
LGATEx to PGND up to -1 V for t < 40 ns
V
FBx, COMPx, SKIP, FSEL,VREF to SGND, LDO FB
-0.3 to Vcc+0.3
V
PGND to SGND
-0.3 to 0.3
V
SHDN, PGOODx, OUTx, VCC, ENx to SGND
-0.3 to 6
V
Power dissipation at TA = 25 °C
2.8
W
Maximum withstanding voltage range test condition:
CDF-AEC-Q100-002- “human body model” acceptance
criteria: “normal performance”
VIN
±1000
V
Other pins
±2000
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
TSTG
Storage temperature range
-50 to 150
°C
RthJA
Thermal resistance junction to ambient
35
°C/W
TJ
Junction operating temperature range
-40 to 125
°C
TA
Operating ambient temperature range
-40 to 85
°C
Table 5.
Recommended operating conditions
Symbol
Parameter
Test condition
Value
Unit
Min
Typ
Max
VIN
Input voltage range
LDO5 in regulation
5.5
36
V
VCC
IC supply voltage
4.5
5.5
V
VV5SW
VV5SW maximum operating
range
5.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com