Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST1S06 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST1S06
Description  Synchronous rectification with inhibit, 1.5 A, 1.5 MHz fixed or adjustable, step-down switching regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S06 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST1S06 Datasheet HTML 4Page - STMicroelectronics ST1S06 Datasheet HTML 5Page - STMicroelectronics ST1S06 Datasheet HTML 6Page - STMicroelectronics ST1S06 Datasheet HTML 7Page - STMicroelectronics ST1S06 Datasheet HTML 8Page - STMicroelectronics ST1S06 Datasheet HTML 9Page - STMicroelectronics ST1S06 Datasheet HTML 10Page - STMicroelectronics ST1S06 Datasheet HTML 11Page - STMicroelectronics ST1S06 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Electrical characteristics
ST1S06xx
8/20
Note:
1
Guaranteed by design, but not tested in production
Table 7.
Electrical characteristics for ST1S06PM33
(VIN_SW = VIN_A = VINH = 5 V, VO = 3.3 V, CI = 4.7 µF, CO = 22 µF, L1 = 3.3 µH, TJ = -30 °C
to 125 °C unless otherwise specified. Typical values are referred to TJ = 25 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
OUT
Output feedback pin
3.23
3.3
3.37
V
IO
IO pin bias current
VO = 3.5V
15
20
µA
VI
Minimum input voltage
IO = 10mA to 1.5A
4.2
V
IQ
Quiescent current
VINH > 1.2V
1.5
mA
VINH < 0.4V, TJ = -30°C to 85°C
1
µA
IO
Output current
VI = 4.2 to 5.5V Note 1
1.5
A
VINH
Inhibit threshold
Device ON, VI = 4.2 to 5.5V
1.3
V
Device ON, VI = 4.2 to 5V
1.2
Device OFF
0.4
IINH
Inhibit pin current
2µA
%VO/ΔVI
Reference line regulation
VI = 4.2V to 5.5V Note 1
0.2
0.3
%VO/
ΔVI
%VO/ΔIO
Reference load regulation
IO = 10mA to 1.5A Note 1
0.2
0.3
%VO/
ΔIO
PWMfS
PWM switching frequency
VFB = 0.8V
1.2
1.5
1.8
MHz
DMAX
Maximum duty cycle
80
87
%
RDSON-N NMOS switch on resistance
ISW = 750 mA
0.12
Ω
RDSON-P PMOS switch on resistance
ISW = 750 mA
0.15
Ω
ISWL
Switching current limitation
Note 1
2.3
A
ν
Efficiency Note 1
IO = 10mA to 100mA, VO = 3.3V
65
%
IO = 100mA to 1.5A, VO = 3.3V
85
90
TSHDN
Thermal shutdown
130
150
°C
THYS
Thermal shutdown hysteresis
15
°C
%VO/ΔIO
Load transient response
IO = 100mA to 750mA, TJ =
25°C tR = tF ≥ 200ns, Note 1
-5
+5
%VO
%VO/ΔIO
Short circuit removal response
IO = 10mA to IO = short,
TJ = 25°C Note 1
-10
+10
%VO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com