Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STD3NK60Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD3NK60Z
Description  N-CHANNEL 600V - 3.3ohm - 2.4A TO-220/FP/D2PAK/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD3NK60Z Datasheet(HTML) 1 Page - STMicroelectronics

  STD3NK60Z Datasheet HTML 1Page - STMicroelectronics STD3NK60Z Datasheet HTML 2Page - STMicroelectronics STD3NK60Z Datasheet HTML 3Page - STMicroelectronics STD3NK60Z Datasheet HTML 4Page - STMicroelectronics STD3NK60Z Datasheet HTML 5Page - STMicroelectronics STD3NK60Z Datasheet HTML 6Page - STMicroelectronics STD3NK60Z Datasheet HTML 7Page - STMicroelectronics STD3NK60Z Datasheet HTML 8Page - STMicroelectronics STD3NK60Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1/15
July 2003
STP3NK60Z - STP3NK60ZFP
STB3NK60Z-STD3NK60Z-STD3NK60Z-1
N-CHANNEL 600V - 3.3
Ω - 2.4A TO-220/FP/D2PAK/DPAK/IPAK
Zener-Protected SuperMESH™Power MOSFET
s
TYPICAL RDS(on) = 3.3 Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
GATE CHARGE MINIMIZED
s
VERY LOW INTRINSIC CAPACITANCES
s
VERY GOOD MANUFACTURING
REPEATIBILITY
DESCRIPTION
The SuperMESH™ series is obtained through an
extreme optimization of ST’s well established strip-
based PowerMESH™ layout. In addition to pushing
on-resistance significantly down, special care is tak-
en to ensure a very good dv/dt capability for the
most demanding applications. Such series comple-
ments ST full range of high voltage MOSFETs in-
cluding revolutionary MDmesh™ products.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
IDEAL FOR OFF-LINE POWER SUPPLIES,
ADAPTORS AND PFC
s
LIGHTING
ORDERING INFORMATION
TYPE
VDSS
RDS(on)
ID
Pw
STP3NK60Z
STP3NK60ZFP
STB3NK60Z
STD3NK60Z
STD3NK60Z-1
600 V
600 V
600 V
600 V
600 V
< 3.6
Ω
< 3.6
Ω
< 3.6
Ω
< 3.6
Ω
< 3.6
Ω
2.4 A
2.4 A
2.4 A
2.4 A
2.4 A
45 W
20 W
45 W
45 W
45 W
SALES TYPE
MARKING
PACKAGE
PACKAGING
STP3NK60Z
P3NK60Z
TO-220
TUBE
STP3NK60ZFP
P3NK60ZFP
TO-220FP
TUBE
STB3NK60ZT4
B3NK60Z
D2PAK
TAPE & REEL
STD3NK60Z-1
D3NK60Z
IPAK
TUBE
STD3NK60ZT4
D3NK60Z
DPAK
TAPE & REEL
TO-220
TO-220FP
1
2
3
1
3
DPAK
3
2
1
IPAK
1
3
D2PAK
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STD3NK60Z

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
STD3NK60Z DOINGTER-STD3NK60Z Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
logo
STMicroelectronics
STD3NK60Z-1 STMICROELECTRONICS-STD3NK60Z-1 Datasheet
936Kb / 34P
N-channel 600 V, 3.2 Ω typ., 2.4 A SuperMESH™ Power MOSFETs in D²PAK, IPAK, DPAK, TO-220 and TO-220FP packages
20-Aug-2018
STD3NK60ZD STMICROELECTRONICS-STD3NK60ZD Datasheet
350Kb / 14P
N-channel 600 V, 3.3 Ω, 2.4 A, DPAK SuperFREDMesh??Power MOSFET
11-Sep-2008
logo
VBsemi Electronics Co.,...
STD3NK60ZD VBSEMI-STD3NK60ZD Datasheet
1Mb / 9P
Power MOSFET
logo
Inchange Semiconductor ...
STD3NK60ZT4 ISC-STD3NK60ZT4 Datasheet
321Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STD3NK60Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB5NK50Z STMICROELECTRONICS-STB5NK50Z Datasheet
618Kb / 14P
N-CHANNEL500V-1.22ohm-4.4ATO-220/FP/DPAK/IPAK/I2PAK Zener-Protected SuperMESH?줡ower MOSFET
Apr-2003
STP13NK60Z STMICROELECTRONICS-STP13NK60Z Datasheet
657Kb / 14P
N-CHANNEL 600V-0.48ohm-13A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH™Power MOSFET
Feb-2003
STP14NK60Z STMICROELECTRONICS-STP14NK60Z Datasheet
672Kb / 17P
N-CHANNEL 600V-0.45ohm-13.5A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH Power MOSFET
06-Sep-2005
STP4NK60Z STMICROELECTRONICS-STP4NK60Z Datasheet
759Kb / 16P
N-CHANNEL600V-1.76ohm-4ATO-220/FP/DPAK/IPAK/D2PAK/I2PAK Zener-Protected SuperMESH™ Power MOSFET
Mar-2003
STP9NK60Z STMICROELECTRONICS-STP9NK60Z Datasheet
581Kb / 13P
N-CHANNEL 600V - 0.85ohm - 7A TO-220/FP/D2PAK/I2PAK Zener-Protected SuperMESH™ 줡ower MOSFET
June 2002
STP3NK80Z STMICROELECTRONICS-STP3NK80Z Datasheet
608Kb / 13P
N-CHANNEL 800V - 3.8W - 2.5A TO-220/FP/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
September 2003
STB10NK60Z STMICROELECTRONICS-STB10NK60Z Datasheet
409Kb / 19P
N-channel 600V - 0.65OHM - 10A - I2/D2PAK - TO-220/FP - TO-247 Zener-protected SuperMESH TM Power MOSFET
26-Jul-2005
STB5NK50Z-1 STMICROELECTRONICS-STB5NK50Z-1 Datasheet
447Kb / 14P
N-CHANNEL500V-1.22W-4.4ATO-220/FP/DPAK/IPAK/I2PAK Zener-Protected SuperMESH Power MOSFET
Apr-2003
STB10NK60Z STMICROELECTRONICS-STB10NK60Z_06 Datasheet
492Kb / 19P
N-channel 600V - 0.65Ω - 10A - I2/D2PAK - TO-220/FP - TO-247 Zener-protected SuperMESH??Power MOSFET
19-Sep-2006
STB9NK50ZT4 STMICROELECTRONICS-STB9NK50ZT4 Datasheet
371Kb / 13P
N-CHANNEL 500V - 7.2A TO-220/FP/D2PAK/I2PAK Zener-Protected SuperMESH MOSFET
Jun-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com