Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LFEC20 Datasheet(PDF) 73 Page - Lattice Semiconductor

Part # LFEC20
Description  LatticeECP/EC Family Data Sheet
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFEC20 Datasheet(HTML) 73 Page - Lattice Semiconductor

Back Button LFEC20 Datasheet HTML 69Page - Lattice Semiconductor LFEC20 Datasheet HTML 70Page - Lattice Semiconductor LFEC20 Datasheet HTML 71Page - Lattice Semiconductor LFEC20 Datasheet HTML 72Page - Lattice Semiconductor LFEC20 Datasheet HTML 73Page - Lattice Semiconductor LFEC20 Datasheet HTML 74Page - Lattice Semiconductor LFEC20 Datasheet HTML 75Page - Lattice Semiconductor LFEC20 Datasheet HTML 76Page - Lattice Semiconductor LFEC20 Datasheet HTML 77Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 163 page
background image
4-7
Pinout Information
Lattice Semiconductor
LatticeECP/EC Family Data Sheet
Power Supply and NC Connections (Cont.)
Signals
484 fpBGA
672 fpBGA
VCC
J16, J7, K16, K17, K6, K7, L17, L6, M17, M6, N16,
N17, N6, N7, P16, P7, J6, J17, P6, P17
H10, H11, H16, H17, H18, H19, H8, H9, J18, J9,
K8, L19, M19, N7, R20, R7, T19, V18, V8, V9,
W10, W11, W16, W17, W18, W19, W8, W9, K19,
L8, U19, U8
VCCIO0
G11, H10, H11, H9
H12, H13, J10, J11, J12, J13
VCCIO1
G12, H12, H13, H14
H14, H15, J14, J15, J16, J17
VCCIO2
J15, K15, L15, L16
K17, K18, L18, M18, N18, N19
VCCIO3
M15, M16, N15, P15
P18, P19, R18, R19, T18, U18
VCCIO4
R12, R13, R14, T12
V14, V15, V16, V17, W14, W15
VCCIO5
R10, R11, R9, T11
V10, V11, V12, V13, W12, W13
VCCIO6
M7, M8, N8, P8
P8, P9, R8, R9, T9, U9
VCCIO7
J8, K8, L7, L8
K9, L9, M8, M9, N8, N9
VCCJ
U2
U6
VCCAUX
G15, G16, G7, G8, H16, H7, R16, R7, T15, T16,
T7, T8
G13, H20, H7, J19, J8, K7, L20, M20, M7, N20,
P20, P7, T20, T7, T8, V19, V7, W20, Y13, Y7
VCCPLL
ECP/EC20: None
ECP/EC33: J6, J17, P6, P17
ECP/EC20: None
ECP/EC33: K19, L8, U19, U8
GND, GND0-GND7
A1, A22, AB1, AB22, H15, H8, J10, J11, J12, J13,
J14, J9, K10, K11, K12, K13, K14, K9, L10, L11,
L12, L13, L14, L9, M10, M11, M12, M13, M14, M9,
N10, N11, N12, N13, N14, N9, P10, P11, P12,
P13, P14, P9, R15, R8
K10, K11, K12, K13, K14, K15, K16, L10, L11,
L12, L13, L14, L15, L16, L17, M10, M11, M12,
M13, M14, M15, M16, M17, N10, N11, N12, N13,
N14, N15, N16, N17, P10, P11, P12, P13, P14,
P15, P16, P17, R10, R11, R12, R13, R14, R15,
R16, R17, T10, T11, T12, T13, T14, T15, T16, T17,
U10, U11, U12, U13, U14, U15, U16, U17
NC
ECP/EC6: C3, B2, E5, F5, D3, C2, F4, G4, E3, D2,
B1, C1, F3, E2, G5, H6, G3, H4, J5, H5, F2, F1,
E1, D1, R6, P5, P3, P4, R1, R2, R5, R4, T1, T2,
R3, T3, V7, T6, V8, U7, W5, U6, AA3, AB3, Y6, V6,
AA5, W6, Y5, Y4, AA4, AB4, W16, U15, V16, U16,
Y17, V17, AB20, AA19, Y16, W17, AA20, Y19,
Y18, W18, T17, U17, T18, R17, R19, R18, U22,
T22, R21, R22, P20, N20, P19, P18, E21, D22,
G21, G20, J18, H19, J19, H20, H17, H18, D21,
C22, G19, G18, F20, F19, E20, D20, C21, C20,
F18, E18, B22, B21, G17, F17, D18, C18, C19,
B20, D17, C16, B19, A20, E17, C17, F16, E16,
F15, D16, A4, B4, C4, C5, D6, B5, E6, C6, A3, B3,
F6, D5, F7, E8, G6, E7, A2, AB2, A21
ECP/EC10: G5, H6, G3, H4, J5, H5, F2, F1, R6,
P5, P3, P4, R2, R1, R5, R4, T1, T2, R3, T3, W16,
U15, V16, U16, Y17, V17, AB20, AA19, Y16, W17,
AA20, Y19, Y18, W18, T17, U17, T18, R17, R19,
R18, U22, T22, R21, R22, P20, N20, P19, P18,
G21, G20, J18, H19, J19, H20, H17, H18, G17,
F17, D18, C18, C19, B20, D17, C16, B19, A20,
E17, C17, F16, E16, F15, D16, A2, AB2, A21
ECP/EC15: T1, T2, R3, T3, T18, R17, R19, R18,
A2, AB2, A21
ECP/EC20: A2, AB2, A21
ECP/EC33: A2, AB2, A21
ECP/EC20: E5, D5, F4, F5, C3, D3, C2, B2, H6,
J7, G5, H5, H3, J3, H2, J2, AA2, AA3, W5, Y5, Y6,
W7, AA4, AB3, AC2, AC3, AA5, AB5, AD3, AD2,
AE1, AD1, AD19, AD20, AC19, AB19, AD21,
AC20, AF25, AE25, AB21, AB20, AE24, AD23,
AD22, AC21, AC22, AB22, AD24, AD25, AE26,
AD26, Y20, Y19, AA23, AA22, AB23, AB24, Y21,
AA21, Y23, Y22, AA24, Y24, J21, J22, J23, H22,
G26, F26, E26, E25, F24, F23, E24, D24, E22,
F22, E21, D22, G20, F20, D21, C21, C23, C22,
B23, C24, D20, E19, B25, B24, B26, A25, C20,
C19
ECP/EC33: None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com