Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST23YS02 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST23YS02
Description  Smartcard MCU with enhanced security and 2 Kbytes high-density EEPROM
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST23YS02 Datasheet(HTML) 1 Page - STMicroelectronics

  ST23YS02 Datasheet HTML 1Page - STMicroelectronics ST23YS02 Datasheet HTML 2Page - STMicroelectronics ST23YS02 Datasheet HTML 3Page - STMicroelectronics ST23YS02 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
September 2007
Rev 1
1/4
1
ST23YS02
Smartcard MCU
with enhanced security and 2 Kbytes high-density EEPROM
Features
ST23YS02 major applications include:
■ Banking targeting the EMVCo certificate
Hardware features
■ Enhanced 8/16-bit CPU core with 16 Mbytes
linear addressable memory
■ 36 Kbytes User ROM
■ 2 Kbytes User RAM
■ 2 Kbytes User EEPROM including 64 Bytes
User OTP area:
– Highly reliable CMOS EEPROM submicron
technology
– 10-year data retention
– 500,000 Erase/Write cycles endurance
typical at 25° C
– 1 to 32 Bytes Erase or Program in 1.5 ms
■ Two 8-bit timers with watchdog and interrupt
capability
■ 3V and 5V supply voltage ranges
■ External clock frequency from 1 up to 5 MHz
■ High performance provided by:
– CPU clock frequency up to 29 MHz
■ Power-saving Standby state
■ Contact assignment compatible ISO 7816-3
■ Asynchronous Receiver Transmitter (IART) for
high speed serial data support (ISO 7816-3
and EMV™ compliant)
■ ISO 3309 CRC calculation block
■ ESD protection greater than 5 kV (HBM)
Security features
■ Active shield
■ Monitoring of environmental parameters
■ Protection mechanisms against faults
■ Hardware Security Enhanced DES accelerator
■ AIS-31 class P2 compliant True Random
Number Generator (TRNG)
■ Unique serial number on each die
Development environment
Software development and firmware generation
are supported by a comprehensive set of
development tools dedicated to software design
and validation:
■ C Compiler
■ Simulator
■ Emulator
259a.ai
Micromodule
Wafer
www.st.com


Similar Part No. - ST23YS02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST23YS08 STMICROELECTRONICS-ST23YS08 Datasheet
88Kb / 4P
Smartcard MCU Smartcard MCU with Enhanced Security and 8 KBytes High-Density EEPROM
10-Apr-2007
More results

Similar Description - ST23YS02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST19NM34 STMICROELECTRONICS-ST19NM34 Datasheet
44Kb / 3P
Smartcard MCU With 34 Kbytes High Density EEPROM
Dec-2004
ST19WG18 STMICROELECTRONICS-ST19WG18 Datasheet
42Kb / 3P
Smartcard MCU With 18, 34, 66 Kbytes High Density EEPROM
2004-Apr
ST23YL80 STMICROELECTRONICS-ST23YL80 Datasheet
74Kb / 4P
Smartcard MCU with enhanced security, crypto-processor and 80 Kbytes EEPROM
05-Oct-2007
ST19WS02 STMICROELECTRONICS-ST19WS02 Datasheet
41Kb / 3P
Smartcard MCU With 2 Kbytes EEPROM
Sep-2004
ST21Y036 STMICROELECTRONICS-ST21Y036 Datasheet
77Kb / 4P
Smartcard MCU with 36 Kbytes high density EEPROM
06-Nov-2007
ST21Y068 STMICROELECTRONICS-ST21Y068 Datasheet
89Kb / 4P
Smartcard MCU with 68 KBytes High Density EEPROM
20-Mar-2007
ST21Y144 STMICROELECTRONICS-ST21Y144 Datasheet
89Kb / 4P
Smartcard MCU with 144 Kbytes High Density EEPROM
20-Mar-2007
ST23YL18 STMICROELECTRONICS-ST23YL18 Datasheet
70Kb / 4P
Smartcard MCU with enhanced security, crypto-processor and 18 Kbytes EEPROM
10-Sep-2008
ST23YL80 STMICROELECTRONICS-ST23YL80_08 Datasheet
70Kb / 4P
Smartcard MCU with enhanced security, crypto-processor and 80 Kbytes EEPROM
10-Sep-2008
ST23YS08 STMICROELECTRONICS-ST23YS08 Datasheet
88Kb / 4P
Smartcard MCU Smartcard MCU with Enhanced Security and 8 KBytes High-Density EEPROM
10-Apr-2007
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com