Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STA333ML Datasheet(PDF) 9 Page - STMicroelectronics

Part # STA333ML
Description  Sound TerminaTM 2-channel microless high-efficiency digital audio system
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333ML Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STA333ML_08 Datasheet HTML 5Page - STMicroelectronics STA333ML_08 Datasheet HTML 6Page - STMicroelectronics STA333ML_08 Datasheet HTML 7Page - STMicroelectronics STA333ML_08 Datasheet HTML 8Page - STMicroelectronics STA333ML_08 Datasheet HTML 9Page - STMicroelectronics STA333ML_08 Datasheet HTML 10Page - STMicroelectronics STA333ML_08 Datasheet HTML 11Page - STMicroelectronics STA333ML_08 Datasheet HTML 12Page - STMicroelectronics STA333ML_08 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
STA333ML
Package thermal characteristics
9/14
5
Package thermal characteristics
The amount of power dissipated within the device depends primarily on the supply voltage,
load impedance and output modulation level. For the STA333ML the maximum dissipated
power is approximately 3 W.
Thus, at an ambient temperature of 70 °C (the generally recommended maximum for
consumer applications) the device can tolerate a further temperature rise of around 80° C
before thermal shutdown is invoked (at Tj = 150° C). A suitable heatsink must, therefore, be
found.
Now, a thermal resistance of 25° C/W can be achieved using a ground copper area of
3x3cm2, and 16 vias, on the PCB as shown in Figure 6. This gives a tiny margin of safety
near to the upper recomended operating limits.
Figure 6.
Using the PCB as heatsink



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com