Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STA308A Datasheet(PDF) 4 Page - STMicroelectronics

Part # STA308A
Description  Multi-channel digital audio processor with DDX TM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA308A Datasheet(HTML) 4 Page - STMicroelectronics

  STA308A Datasheet HTML 1Page - STMicroelectronics STA308A Datasheet HTML 2Page - STMicroelectronics STA308A Datasheet HTML 3Page - STMicroelectronics STA308A Datasheet HTML 4Page - STMicroelectronics STA308A Datasheet HTML 5Page - STMicroelectronics STA308A Datasheet HTML 6Page - STMicroelectronics STA308A Datasheet HTML 7Page - STMicroelectronics STA308A Datasheet HTML 8Page - STMicroelectronics STA308A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 63 page
background image
Contents
STA308A
4/63
7.2.44
Tone control bypass (0x2B) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
7.2.45
Tone control (0x2C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
7.2.46
Channel limiter select channels 1,2,3,4 (0x2D) . . . . . . . . . . . . . . . . . . . 44
7.2.47
Channel limiter select channels 5,6,7,8 (0x2E) . . . . . . . . . . . . . . . . . . . 44
7.2.48
Limiter 1 attack/release rate (0x2F) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
7.2.49
Limiter 1 attack/release threshold (0x30) . . . . . . . . . . . . . . . . . . . . . . . . 45
7.2.50
Limiter 2 attack/release rate (0x31) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
7.2.51
Limiter 2 attack/release threshold (0x32) . . . . . . . . . . . . . . . . . . . . . . . . 45
7.2.52
Bit description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
7.2.53
Channel 1 and 2 output timing (0x33) . . . . . . . . . . . . . . . . . . . . . . . . . . 49
7.2.54
Channel 3 and 4 output timing (0x34) . . . . . . . . . . . . . . . . . . . . . . . . . . 49
7.2.55
Channel 5 and 6 output timing (0x35) . . . . . . . . . . . . . . . . . . . . . . . . . . 49
7.2.56
Channel 7 and 8 output timing (0x36) . . . . . . . . . . . . . . . . . . . . . . . . . . 50
7.2.57
Channel I2S output mapping channels 1 and 2 (0x37) . . . . . . . . . . . . . 50
7.2.58
Channel I2S output mapping channels 3 and 4 (0x38) . . . . . . . . . . . . . 50
7.2.59
Channel I2S output mapping channels 5 and 6 (0x39) . . . . . . . . . . . . . 50
7.2.60
Channel I2S output mapping channels 7 and 8 (0x3A) . . . . . . . . . . . . . 51
7.2.61
Coefficient address register 1 (0x3B) . . . . . . . . . . . . . . . . . . . . . . . . . . 51
7.2.62
Coefficient address register 2 (0x3C) . . . . . . . . . . . . . . . . . . . . . . . . . . 51
7.2.63
Coefficient b1 data register, bits 23:16 (0x3D) . . . . . . . . . . . . . . . . . . . . 51
7.2.64
Coefficient b1 data register, bits 15:8 (0x3E) . . . . . . . . . . . . . . . . . . . . . 52
7.2.65
Coefficient b1 data register, bits 7:0 (0x3F) . . . . . . . . . . . . . . . . . . . . . . 52
7.2.66
Coefficient b2 data register, bits 23:16 (0x40) . . . . . . . . . . . . . . . . . . . . 52
7.2.67
Coefficient b2 data register, bits 15:8 (0x41) . . . . . . . . . . . . . . . . . . . . . 52
7.2.68
Coefficient b2 data register, bits 7:0 (0x42) . . . . . . . . . . . . . . . . . . . . . . 52
7.2.69
Coefficient a1 data register, bits 23:16 (0x43) . . . . . . . . . . . . . . . . . . . . 52
7.2.70
Coefficient a1 data register, bits 15:8 (0x44) . . . . . . . . . . . . . . . . . . . . . 52
7.2.71
Coefficient a1 data register, bits 7:0 (0x45) . . . . . . . . . . . . . . . . . . . . . . 53
7.2.72
Coefficient a2 data register, bits 23:16 (0x46) . . . . . . . . . . . . . . . . . . . . 53
7.2.73
Coefficient a2 data register, bits 15:8 (0x47) . . . . . . . . . . . . . . . . . . . . . 53
7.2.74
Coefficient a2 data register, bits 7:0 (0x48) . . . . . . . . . . . . . . . . . . . . . . 53
7.2.75
Coefficient b0 data register, bits 23:16 (0x49) . . . . . . . . . . . . . . . . . . . . 53
7.2.76
Coefficient b0 data register, bits 15:8 (0x4A) . . . . . . . . . . . . . . . . . . . . . 53
7.2.77
Coefficient b0 data register, bits 7:0 (0x4B) . . . . . . . . . . . . . . . . . . . . . . 53
7.2.78
Coefficient write control register (0x4C) . . . . . . . . . . . . . . . . . . . . . . . . . 54
7.3
Reading a coefficient from RAM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 54
7.4
Reading a set of coefficients from RAM . . . . . . . . . . . . . . . . . . . . . . . . . . 54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com