Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STA500 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STA500
Description  30V 3.5A QUAD POWER HALF BRIDGE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA500 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STA500 Datasheet HTML 3Page - STMicroelectronics STA500 Datasheet HTML 4Page - STMicroelectronics STA500 Datasheet HTML 5Page - STMicroelectronics STA500 Datasheet HTML 6Page - STMicroelectronics STA500 Datasheet HTML 7Page - STMicroelectronics STA500 Datasheet HTML 8Page - STMicroelectronics STA500 Datasheet HTML 9Page - STMicroelectronics STA500 Datasheet HTML 10Page - STMicroelectronics STA500 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
STA500
8/11
Figure 5. Distortion vs Output Power
(STA304A+STA500)
Figure 6. Tolal Power Dissipation & Efficiency
vs Output Power
Figure 7. Output Power vs Supply Voltage
(STA304A+STA500)
Figure 8. Output Power vs Supply Voltage
(STA304A+STA500)
700m
50
12
3
4
5
6
7 8 9 10
20
30
40
W
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
Vcc=30V
Rl=80hm
f=1KHz
Eq.
0
5
10
15
20
25
30
Pout (W)
20
30
40
50
60
70
80
90
0
1
2
3
4
5
6
7
Efficiency
Pdiss
STA304A+STA500
1channel
Vcc=25V
Rl=8ohm
F=1KHz
0
50
5
10
15
20
25
30
35
40
45
+12
+18
+12.5
+13
+13.5
+14
+14.5
+15
+15.5
+16
+16.5
+17
+17.5
Vdc
STA500
4 ohm load
filter 22uH+ 0.47uF diff+
0.1uF common mode
Pout (W)
Vsupply (V)
THD = 10%
THD = 1%
5
50
10
15
20
25
30
35
40
45
+12
+28
+13
+14
+15
+16
+17
+18
+19
+20
+21
+22
+23
+24
+25
+26
+27
Rload = 8 ohm
f = 1KHz
THD = 1%
THD = 10%
Pout (W)
Vcc (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com