Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STA529 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA529
Description  2 x 100 mW class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA529 Datasheet(HTML) 1 Page - STMicroelectronics

  STA529 Datasheet HTML 1Page - STMicroelectronics STA529 Datasheet HTML 2Page - STMicroelectronics STA529 Datasheet HTML 3Page - STMicroelectronics STA529 Datasheet HTML 4Page - STMicroelectronics STA529 Datasheet HTML 5Page - STMicroelectronics STA529 Datasheet HTML 6Page - STMicroelectronics STA529 Datasheet HTML 7Page - STMicroelectronics STA529 Datasheet HTML 8Page - STMicroelectronics STA529 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
January 2007
Rev 1
1/58
1
STA529
2 x 100 mW class-D amplifier with analog or digital input
2.0 multichannel digital audio processor with FFX
Features
Up to 96 dB dynamic range
Sample rates from 8 kHz to 192 kHz
FFXTM class-D driver
1.5 V to 1.95 V digital power supply
1.5 V to 1.95 V analog power supply
18-bit audio processing and class-D FFXTM
modulator
Digital volume control:
– +36 dB to 105 dB in 0.5 dB steps
– Software volume update
Individual channel and master gain/attenuation
Automatic invalid input detect mute
2-channel I2S input/output data interface
Digitally controlled POP-free operation
Input and output channel mapping
250 m
Ω output CMOS Rdson
> 90% efficiency
Stereo headphone plus mono speaker
application:
– 50 mW stereo into 32
Ω headphone
– 100 mW stereo into 16
Ω headphone
Order codes
TFBGA48
VFQFPN52
Part number
Package
STA529B
TFBGA48 (tube)
STA529Q
VFQFPN52 (tube)
www.st.com


Similar Part No. - STA529

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA529 STMICROELECTRONICS-STA529 Datasheet
84Kb / 4P
2 x 100 mW class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
18-Dec-2006
STA529 STMICROELECTRONICS-STA529 Datasheet
514Kb / 57P
FFX™ audio codec with analog and digital inputs and 2 x 1.2 W (or 2 x 100 mW HP) class-D amplifier
30-Mar-2012
STA529B STMICROELECTRONICS-STA529B Datasheet
84Kb / 4P
2 x 100 mW class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
18-Dec-2006
STA529Q STMICROELECTRONICS-STA529Q Datasheet
84Kb / 4P
2 x 100 mW class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
18-Dec-2006
STA529Q STMICROELECTRONICS-STA529Q Datasheet
514Kb / 57P
FFX™ audio codec with analog and digital inputs and 2 x 1.2 W (or 2 x 100 mW HP) class-D amplifier
30-Mar-2012
More results

Similar Description - STA529

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA304 STMICROELECTRONICS-STA304 Datasheet
335Kb / 30P
DIGITAL AUDIO PROCESSOR WITH MULTICHANNEL DDX?
rev. 2.1
STA308 STMICROELECTRONICS-STA308 Datasheet
258Kb / 33P
MULTICHANNEL DIGITAL AUDIO PROCESSOR WITH DDX?
Dec-2002
8169 STMICROELECTRONICS-8169 Datasheet
338Kb / 30P
DIGITAL AUDIO PROCESSOR WITH MULTICHANNEL DDX?
Mar-2002
STA306 STMICROELECTRONICS-STA306 Datasheet
232Kb / 33P
MULTICHANNEL DIGITAL AUDIO PROCESSOR WITH DDX
Oct-2003
STA529 STMICROELECTRONICS-STA529 Datasheet
84Kb / 4P
2 x 100 mW class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
18-Dec-2006
STA538 STMICROELECTRONICS-STA538 Datasheet
510Kb / 59P
2 x 1.3 W class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
25-Jan-2007
STA330 STMICROELECTRONICS-STA330 Datasheet
832Kb / 55P
2.0 digital audio processor with FFX digital modulator and analog and digital inputs
12-Dec-2007
STA309B STMICROELECTRONICS-STA309B Datasheet
722Kb / 66P
Multichannel digital audio processor with FFX짰
24-Jan-2012
STA529 STMICROELECTRONICS-STA529_12 Datasheet
515Kb / 57P
FFX??audio codec with analog and digital inputs and 2 x 1.2 W (or 2 x 100 mW HP) class-D amplifier
30-Mar-2012
STA311B STMICROELECTRONICS-STA311B Datasheet
1Mb / 102P
Multichannel digital audio processor with FFXTM
21-Oct-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com