Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6258EP Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6258EP
Description  PWM controlled high current DMOS universal motor driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6258EP Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6258EP Datasheet HTML 2Page - STMicroelectronics L6258EP Datasheet HTML 3Page - STMicroelectronics L6258EP Datasheet HTML 4Page - STMicroelectronics L6258EP Datasheet HTML 5Page - STMicroelectronics L6258EP Datasheet HTML 6Page - STMicroelectronics L6258EP Datasheet HTML 7Page - STMicroelectronics L6258EP Datasheet HTML 8Page - STMicroelectronics L6258EP Datasheet HTML 9Page - STMicroelectronics L6258EP Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
Block diagram
L6258EP
6/32
Figure 2.
Pin connection (top view)
Table 3.
Pin functions
Pin #
Name
Description
1, 36
PWR_GND
Ground connection (1). They also conduct heat from die to
printed circuit copper.
2, 17
PH_1, PH_2
These TTL compatible logic inputs set the direction of
current flow through the load. A high level causes current to
flow from OUTPUT A to OUTPUT B.
3I1_1
Logic input of the internal DAC (1). The output voltage of the
DAC is a percentage of the Vref voltage applied according to
the thruth Table 5 on page 12.
4I0_1
See pin 3
5
OUT1A
Bridge output connection (1)
6
DISABLE
Disables the bridges for additional safety during switching.
When not connected the bridges are enabled
7TRI_cap
Triangular wave generation circuit capacitor. The value of
this capacitor defines the output switching frequency
PWR_GND
PH_2
EA_IN2
EA_OUT2
DISABLE
EA_OUT1
OUT1A
EA_IN1
PH_1
SENSE1
OUT1B
I3_1
VS
I2_1
I3_2
OUT2B
SENSE2
PWR_GND
18
16
17
15
6
5
4
3
2
21
22
31
32
33
35
34
36
20
1
19
PWR_GND
PWR_GND
D96IN432E
GND
TRI_CAP
VCC
I0_1
VREF1
I1_1
9
8
7
28
29
30
VCP1
SIG_GND
10
27
OUT2A
VCP2
VBOOT
VREF2
I2_2
I0_2
14
12
11
23
25
26
VS
I1_2
13
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com