Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M5480 Datasheet(PDF) 6 Page - STMicroelectronics

Part # M5480
Description  LED DISPLAY DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M5480 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M5480 Datasheet HTML 2Page - STMicroelectronics M5480 Datasheet HTML 3Page - STMicroelectronics M5480 Datasheet HTML 4Page - STMicroelectronics M5480 Datasheet HTML 5Page - STMicroelectronics M5480 Datasheet HTML 6Page - STMicroelectronics M5480 Datasheet HTML 7Page - STMicroelectronics M5480 Datasheet HTML 8Page - STMicroelectronics M5480 Datasheet HTML 9Page - STMicroelectronics M5480 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
M5480
6/10
POWER DISSIPATION OF THE IC
The power dissipation of the IC can be limited us-
ing different configurations.
Figure 7.
In this application R must be chosen taking into ac-
count the worst operating conditions.
R is determined by the maximum number of seg-
ments activated.
The worst case condition for the device is when
roughly half of the maximum number of segments
are activated.
It must be checked that the total power dissipation
does not exceed the absolute maximum ratings of
the device.
In critical cases more resistors can be used in con-
junction with groups of segments.
In this case the current variation in the single resis-
tor is reduced and Ptot limited.
Figure 8.
In this configuration the drop on the serial connect-
ed diodes is quite stable if the diodes are properly
chosen.
The total power dissipation of the IC depends, in a
first approximation, only on the number of seg-
ments activated.
Figure 9.
In this configuration VOUT + VD is constant. The to-
tal power dissipation of the IC depends only on the
number of segments activated.
VD
VOUT
R
ID
+VC
R
V
C
V
DMAX
V
OMIN
N
MAX
L
D
----------------------------------------------------------------
=
+VC
+VC
VOUT+ VD



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com