Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M5481B7 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M5481B7
Description  LED DISPLAY DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M5481B7 Datasheet(HTML) 1 Page - STMicroelectronics

  M5481B7 Datasheet HTML 1Page - STMicroelectronics M5481B7 Datasheet HTML 2Page - STMicroelectronics M5481B7 Datasheet HTML 3Page - STMicroelectronics M5481B7 Datasheet HTML 4Page - STMicroelectronics M5481B7 Datasheet HTML 5Page - STMicroelectronics M5481B7 Datasheet HTML 6Page - STMicroelectronics M5481B7 Datasheet HTML 7Page - STMicroelectronics M5481B7 Datasheet HTML 8Page - STMicroelectronics M5481B7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
April 2004
M5481
LED DISPLAY DRIVER
REV. 2
FEATURES SUMMARY
2 DIGIT LED DRIVER (14 segments)
CURRENT GENERATOR OUTPUTS (no
registor required)
CONTINUOU
S BRIGHTNESS CONTROL
SERIAL DATA INPUT
DATA ENABLE
WIDE SUPPLY VOLTAGE OPERATION
TLL COMPATIBILITY
APPLICATION EXAMPLES
MICROPROCESSOR DISPLAYS
INDUSTRIAL CONTROL INDICATOR
RELAY DRIVER
INSTRUMENTATION READOUTS
DESCRIPTION
The M5481 is a monolithic MOS integrated circuit
produced with a N-channel silicon gate technolo-
gy. It uses the M5450 die packaged in a 20-pin
plastic package copper frame, making it ideal for a
1-digit display. A single pin controls the LED dis-
play brightness by setting a reference current
through a variable resistor connected either to VDD
or to a separate supply of 13.2V maximum.
The M5481 is a pin-to-pin replacement of the NS
MM 5481.
Figure 1. Package
Figure 2. Pin Connections
PDIP20
(Plastic package)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
Output Bit 9
Data Enable
Data In
Clock
VDD
Brightness Control
Output Bit 8
Output Bit 7
Output Bit 6
Output Bit 5
Output Bit 4
Output Bit 3
Output Bit 2
Output Bit 1
Output Bit 10
Output Bit 11
Output Bit 12
Output Bit 13
Output Bit 14
VSS


Similar Part No. - M5481B7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M5481B7 STMICROELECTRONICS-M5481B7 Datasheet
76Kb / 8P
LED DISPLAY DRIVER
Apr-2000
More results

Similar Description - M5481B7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M5480 STMICROELECTRONICS-M5480 Datasheet
97Kb / 6P
LED DISPLAY DRIVER
May-1993
M5481 STMICROELECTRONICS-M5481 Datasheet
76Kb / 8P
LED DISPLAY DRIVER
Apr-2000
M5482 STMICROELECTRONICS-M5482 Datasheet
97Kb / 6P
LED DISPLAY DRIVER
May-1993
logo
National Semiconductor ...
MM5481 NSC-MM5481 Datasheet
122Kb / 6P
LED Display Driver
logo
STMicroelectronics
M5482 STMICROELECTRONICS-M5482_04 Datasheet
131Kb / 10P
LED DISPLAY DRIVER
09-Jun-2004
logo
Micrel Semiconductor
MM5450 MICREL-MM5450_06 Datasheet
741Kb / 6P
LED Display Driver
logo
STMicroelectronics
M5480 STMICROELECTRONICS-M5480_04 Datasheet
112Kb / 10P
LED DISPLAY DRIVER
14-Apr-2004
logo
Silicon Touch Technolog...
ST2225A SITI-ST2225A Datasheet
318Kb / 12P
LED Display Driver
logo
Micrel Semiconductor
MM5450 MICREL-MM5450_11 Datasheet
283Kb / 9P
LED Display Driver
logo
National Semiconductor ...
MM5480 NSC-MM5480 Datasheet
107Kb / 6P
LED Display Driver
February 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com