Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STI7101 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STI7101
Description  Low-cost HDTV set-top box decoder for H.264
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI7101 Datasheet(HTML) 1 Page - STMicroelectronics

  STI7101 Datasheet HTML 1Page - STMicroelectronics STI7101 Datasheet HTML 2Page - STMicroelectronics STI7101 Datasheet HTML 3Page - STMicroelectronics STI7101 Datasheet HTML 4Page - STMicroelectronics STI7101 Datasheet HTML 5Page - STMicroelectronics STI7101 Datasheet HTML 6Page - STMicroelectronics STI7101 Datasheet HTML 7Page - STMicroelectronics STI7101 Datasheet HTML 8Page - STMicroelectronics STI7101 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
September 2008
Rev 2
1/9
9
STi7101
Low-cost HDTV set-top box decoder for H.264
Features
H.264 support
Linux®, Windows® CE and OS21 compatible
ST40 CPU core: 266 MHz
Transport filtering and descrambling
Video decoder: H.264 (MPEG-4 part 10) and
MPEG-2
SVP compliant
Windows Media
DRM support
Description
The STi7101 is a new generation, high-definition
set-top box / DVD decoder chip, that provides
very high performance for low-cost HD systems.
The STi7101 includes both MPEG2 and H.264
video decoders.
32
CP
ST40 core 266 MHz
UDI
16 K Icache
MMU
Int. control
32 K Dcache
LMI
Digital
video input
DEI
S/PDIF
2-ch
PCM in
SD
video in
TMDS main video
DENC
3x
SSCs
4x
UARTs
ILC
2x I/F
SmCard
6x GPIO
PWM
MAFE
interface
IR
Tx/Rx
STBus
Main video
display
FDMA
AudioL
TSmerger/router
Display
compositor
2D gamma
blitter
DACs
DVI-HDCP
HDMI
Output stage
Main video
output (HD)
YPbPr
Aux video
output (SD)
YC/CVBS
USB
AudioR
2 x PDES
Clock
generator
5 x 2-ch
PCM out
Peripheral I/O
and external interrupts
TSIN0
NRSS-A
TSIN1 TS I/O
and system
services
DACs
CUR
3 x GDP
Aux video
display
Audio decoder
and interfaces
Audio
DACs
PTI
output (HD)
Video decoder
H264/MPEG-2
2.0
Serial
ATA
interface
LMI
32
SDRAM
DDR
Video
System
ST231
core
ST231
core
Ethernet,
MII/RMII
MII/RMII for 100BT
Ethernet
EMI
Flash
or companion chip
EMPI
PTI
Digital
video
output
www.st.com


Similar Part No. - STI7101

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STI7100 STMICROELECTRONICS-STI7100 Datasheet
205Kb / 9P
Low cost HDTV set-top box decoder for H.264/AVC and MPEG-2
19-Dec-2006
STI7105 STMICROELECTRONICS-STI7105 Datasheet
143Kb / 11P
Low cost advanced HD decoding IC for STB
08-Sep-2008
STI7105ZUB STMICROELECTRONICS-STI7105ZUB Datasheet
143Kb / 11P
Low cost advanced HD decoding IC for STB
08-Sep-2008
STI7106 STMICROELECTRONICS-STI7106 Datasheet
215Kb / 13P
Advanced HD decoder
29-Oct-2009
STI7108 STMICROELECTRONICS-STI7108 Datasheet
258Kb / 12P
Advanced HD AVC decoder with 3D graphics acceleration
16-Nov-2009
More results

Similar Description - STI7101

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STI7109 STMICROELECTRONICS-STI7109 Datasheet
207Kb / 9P
Low-cost HDTV set-top box decoder for H.264 and Microsoft WMA9
19-Dec-2006
STI7200 STMICROELECTRONICS-STI7200 Datasheet
206Kb / 8P
Triple display, HDTV set-top box, dual decoder for H.264 and VC-1
07-Dec-2006
STI5202 STMICROELECTRONICS-STI5202 Datasheet
167Kb / 9P
Low-cost set-top box decoder for H.264 and Microsoft VC1
19-Oct-2007
STI7111 STMICROELECTRONICS-STI7111 Datasheet
87Kb / 4P
Low-cost HDTV satellite set-top box decoder for Microsoft VC-1, H.264 and MPEG-2
19-Dec-2007
STI5200 STMICROELECTRONICS-STI5200 Datasheet
181Kb / 7P
Low-cost SDTV set-top box decoder for H.264/AVC and MPEG-2
16-Feb-2007
STI5517 STMICROELECTRONICS-STI5517 Datasheet
95Kb / 3P
Low-cost set-top box decoder
Oct-2004
STI5211 STMICROELECTRONICS-STI5211 Datasheet
108Kb / 4P
Low-cost HDTV satellite set-top box decoder for Microsoft VC-1, H.264 and MPEG-2
28-Jun-2010
STI7100 STMICROELECTRONICS-STI7100 Datasheet
205Kb / 9P
Low cost HDTV set-top box decoder for H.264/AVC and MPEG-2
19-Dec-2006
STI7110FTA STMICROELECTRONICS-STI7110FTA Datasheet
78Kb / 4P
HDTV satellite set-top box decoder for Microsoft VC-1, H.264 and MPEG-2
20-Oct-2010
STI7200 STMICROELECTRONICS-STI7200_11 Datasheet
68Kb / 4P
Triple display, HDTV set-top box, dual decoder for H.264 and VC-1
10-Feb-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com