Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV2310 Datasheet(PDF) 51 Page - STMicroelectronics

Part # STV2310
Description  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 47Page - STMicroelectronics STV2310 Datasheet HTML 48Page - STMicroelectronics STV2310 Datasheet HTML 49Page - STMicroelectronics STV2310 Datasheet HTML 50Page - STMicroelectronics STV2310 Datasheet HTML 51Page - STMicroelectronics STV2310 Datasheet HTML 52Page - STMicroelectronics STV2310 Datasheet HTML 53Page - STMicroelectronics STV2310 Datasheet HTML 54Page - STMicroelectronics STV2310 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 112 page
background image
51/112
STV2310
Functional Description
UDW Coding for Gemstar
In US Gemstar systems, a nibble split algorithm is applied. In all bytes, bit 6 is the even parity check
of bits 5 to 0. Bit 7 is the complement of bit 6.
● GMUD00: This byte provides the LSB contents of the Gemstar 1st byte of data.
● GMUD01: This byte provides the MSB contents of the Gemstar 1st byte of data.
● GMUD10: This byte provides the LSB contents of the Gemstar 2nd byte of data.
● GMUD11: This byte provides the MSB contents of the Gemstar 2nd byte of data.
● GMUD20: This byte provides the LSB contents of the Gemstar 3rd byte of data.
● GMUD21: This byte provides the MSB contents of the Gemstar 3rd byte of data.
● GMUD30: This byte provides the LSB contents of the Gemstar 4th byte of data.
Table 22: UDW Coding for Gemstar
ADF
DID
SDID
DC
GMU
D00
GMU
D01
GMU
D10
GMU
D11
GMU
D20
GMU
D21
GMU
D30
GMU
D31
GMPF
L0
GMPF
L1
FIL0
FIL1
CS
bit
76543
210
0
0
GM3
GM2
GM1
GM0
bit
765
43210
0
0
GM7
GM6
GM5
GM4
bit
76543
210
0
0
GM11
GM10
GM9
GM8
bit
76543
210
0
0
GM15
GM14
GM13
GM12
bit
76543
210
0
0
GM19
GM18
GM71
GM16
bit
76543
210
0
0
GM23
GM22
GM21
GM20
bit
76543
210
0
0
GM27
GM26
GM25
GM24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com