Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV6412B Datasheet(PDF) 7 Page - STMicroelectronics

Part # STV6412B
Description  Audio/video switch matrix
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6412B Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STV6412B Datasheet HTML 3Page - STMicroelectronics STV6412B Datasheet HTML 4Page - STMicroelectronics STV6412B Datasheet HTML 5Page - STMicroelectronics STV6412B Datasheet HTML 6Page - STMicroelectronics STV6412B Datasheet HTML 7Page - STMicroelectronics STV6412B Datasheet HTML 8Page - STMicroelectronics STV6412B Datasheet HTML 9Page - STMicroelectronics STV6412B Datasheet HTML 10Page - STMicroelectronics STV6412B Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
STV6412B
General information
7/32
Figure 3.
STV6412B block diagram
6 dB
6 dB
C switch
Y/CVBS switch
6 dB
C switch
RGB switch
Y/CVBS Switch
VCR Switch
TV switch
-62 dB
-62 dB
0/6 dB
0/6 dB
0/6 dB
0/6 dB
0/6/9 dB
0/6/9 dB
FB switch
0/6 dB
FBOUT_TV
VOUT_RF
SLB_TV
SLB_VCR
Y/CVBSOUT_VCR
LOUT_VCR
ROUT_VCR
ROUT_CINCH
AOUT_RF
ROUT_TV
ADD
SDA
SCL
LIN_AUX
LIN_ENC
LIN_TV
RIN_AUX
RIN_ENC
RIN_TV
LIN_VCR
RIN_VCR
FBIN_ENC
FBIN_VCR
BIN_ENC
BIN_VCR
GIN_ENC
GIN_VCR
R/CIN_ENC
R/CIN_VCR
CIN_ENC
CVBSIN_AUX
Y/CVBSIN_VCR
YIN_ENC
Y/CVBSIN_ENC
CVBSIN_TV
FILTER
Y/CVBSOUT_TV
COUT_VCR
IT_OUT
LOUT_CINCH
LOUT_TV
FBIN_ENC
FBIN_VCR
BIN_ENC
BIN_VCR
GIN_ENC
GIN_VCR
R/CIN_ENC
R/CIN_VCR
R/CIN_VCR
R/CIN_ENC
CIN_ENC
CVBSIN_AUX
Y/CVBSIN_VCR
YIN_ENC
Y/CVBSIN_ENC
CVBSIN_AUX
CVBSIN_TV
Y_ENC
Y/CVBSIN_ENC
CIN_ENC
R/CIN_ENC
LIN_AUX
LIN_ENC
LIN_TV
RIN_AUX
RIN_ENC
RIN_TV
Mute
LIN_ENC
LIN_TV
RIN_AUX
RIN_ENC
RIN_TV
Mute
LIN_VCR
RIN_VCR
LIN_AUX
Mute
Mute
Mute
Mute
Mute
Mute
Mute
Slow blanking
monitor interrupt
signal
Stereo/mono
Stereo/mono
I²C bus
Decoder
Trap
LPF
LPF
LPF
LPF
LPF
BOUT_TV
GOUT_TV
R/COUT_TV
R/C
Switch
3 to
9 dB
+
Mute
Mute
Mute
LPF
3 to
9 dB
3 to
9 dB
Tri-state
+
Mute
Mute
6 dB
0V
4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com