Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STW5095 Datasheet(PDF) 44 Page - STMicroelectronics

Part # STW5095
Description  Low-power asynchronous stereo audio Codec with integrated power amplifiers
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5095 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STW5095_07 Datasheet HTML 40Page - STMicroelectronics STW5095_07 Datasheet HTML 41Page - STMicroelectronics STW5095_07 Datasheet HTML 42Page - STMicroelectronics STW5095_07 Datasheet HTML 43Page - STMicroelectronics STW5095_07 Datasheet HTML 44Page - STMicroelectronics STW5095_07 Datasheet HTML 45Page - STMicroelectronics STW5095_07 Datasheet HTML 46Page - STMicroelectronics STW5095_07 Datasheet HTML 47Page - STMicroelectronics STW5095_07 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 73 page
background image
STw5095
Control interface and master clock
43/72
6
Control interface and master clock
6.1
Control interface I2C mode
Figure 5.
Control interface I2C format
Note:
CMOD pin tied to GND
Figure 6.
Control interface: I2C format timing
WRITE
SINGLE BYTE
START
DEVICE ADDRESS
REG n ADDRESS
REG n DATA IN
ACK
ACK
ACK
STOP
WRITE
MULTI BYTE
START
DEVICE ADDRESS
REG n ADDRESS
REG n DATA IN
ACK
ACK
ACK
STOP
REG n+m DATA IN
ACK
m+1 data bytes
CURRENT ADDR
START
DEVICE ADDRESS
Current REG DATA OUT
ACK
NO ACK
STOP
READ
SINGLE BYTE
CURRENT ADDR
START
DEVICE ADDRESS
Current REG DATA OUT
ACK
NO ACK
STOP
READ
MULTI BYTE
Curr REG+m DATA OUT
ACK
ACK
ACK
m+1 data bytes
START
DEVICE ADDRESS
REG n ADDRESS
ACK
ACK
START
DEVICE ADDRESS
REG n DATA OUT
ACK
NO ACK
STOP
RANDOM ADDR
READ
SINGLE BYTE
RANDOM ADDR
READ
MULTI BYTE
START
DEVICE ADDRESS
REG n ADDRESS
ACK
ACK
START
DEVICE ADDRESS
NO ACK
STOP
REG n+m DATA OUT
ACK
ACK
m+1 data bytes
REG n DATA OUT
ACK
001
101AS 1
001
101
AS 1
001
101AS 0
0011
01AS 0
0011
01AS 1
0
0110
1AS 1
001
101AS 0
001
101AS 0
(STO)
tSU
(STA)
tSU
(STA)
tHD
(DAT)
tSU
tHIGH
tBUF
(DAT)
tHD
tF
tR
tLOW
(STA)
tHD
P
S
P
Sr
P=STOP
S = START
Sr = START repeated
SDA
SCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com