Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ZVG45FW Datasheet(PDF) 1 Page - SunLED Corporation

Part # ZVG45FW
Description  3.5x2.8 mm PLCC2 SMD LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

ZVG45FW Datasheet(HTML) 1 Page - SunLED Corporation

  ZVG45FW Datasheet HTML 1Page - SunLED Corporation ZVG45FW Datasheet HTML 2Page - SunLED Corporation ZVG45FW Datasheet HTML 3Page - SunLED Corporation ZVG45FW Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Published Date : FEB 28,2008
Drawing No : SDSA6366
V1
Checked : B.L.LIU
P.1/4
Part Number:
ZVG45FW
3.5x2.8 mm PLCC2 SMD LED
www.SunLED.com
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=20mA)
mcd
Wavelength
nm
λ P
Viewing
Angle
2
θ 1/2
min.
typ.
ZVG45FW
Green
InGaAlP
Water Clear
18
59
574
120°
Absolute Maximum Ratings
(TA=25°C)
VG
(InGaAlP)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
150
mA
Power Dissipation
PT
75
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
VG
(InGaAlP)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
2.1
V
Forward Voltage (Max.)
(IF=20mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength of Peak Emis-
sion (Typ.)
(IF=20mA)
λ p
574
nm
Wavelength of Dominant
Emission (Typ.)
(IF=20mA)
λ D
570
nm
Spectral Line Full Width At
Half-Maximum (Typ.)
(IF=20mA)
Δλ
20
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
15
pF
Operating Characteristics
(TA=25°C)
Features
SINGLE COLOR.
SUITABLE FOR ALL SMT ASSEMBLY AND
SOLDER PROCESS.
AVAILABLE ON TAPE AND REEL.
IDEAL FOR BACKLIGHTING.
PACKAGE : 1500PCS / REEL.
MOISTURE SENSITIVITY LEVEL : LEVEL 4.
RoHS COMPLIANT.
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Specifications are subject to change without notice.
R.
CHEN
數位簽署者:R.CHEN
DN:cn=R.CHEN,
o=SPEC專用,
ou=SPEC專用,
email=fangdh@cn.
kingbright.com, c=<無
>
日期︰2008.02.29
08:36:01 +08'00'


Similar Part No. - ZVG45FW

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
ZVG45FW-9 SUNLED-ZVG45FW-9 Datasheet
192Kb / 4P
3.5x2.8 mm SURFACE MOUNT LED LAMP
More results

Similar Description - ZVG45FW

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AAA3529SES-L KINGBRIGHT-AAA3529SES-L Datasheet
219Kb / 6P
3.5x2.8 mm SMD CHIP LED LAMP
logo
SunLED Corporation
ZM2BB45FS SUNLED-ZM2BB45FS Datasheet
238Kb / 5P
3.5x2.8 mm PLCC2 SMD LED
ZM2CR45FW SUNLED-ZM2CR45FW Datasheet
202Kb / 4P
3.5x2.8 mm PLCC2 SMD LED
ZM2CY45FW SUNLED-ZM2CY45FW Datasheet
198Kb / 4P
3.5x2.8 mm PLCC2 SMD LED
ZMD45FW SUNLED-ZMD45FW Datasheet
195Kb / 4P
3.5x2.8 mm PLCC2 SMD LED
ZMDK45FW SUNLED-ZMDK45FW Datasheet
195Kb / 4P
3.5x2.8 mm PLCC2 SMD LED
ZMG45FW SUNLED-ZMG45FW Datasheet
191Kb / 4P
3.5x2.8 mm PLCC2 SMD LED
ZUR45FW SUNLED-ZUR45FW Datasheet
195Kb / 4P
3.5x2.8 mm PLCC2 SMD LED
ZUY45FW SUNLED-ZUY45FW Datasheet
196Kb / 4P
3.5x2.8 mm PLCC2 SMD LED
ZMO45FW SUNLED-ZMO45FW Datasheet
195Kb / 4P
3.5x2.8 mm PLCC2 SMD LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com