Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STP8NK80Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP8NK80Z
Description  N-CHANNEL 800V - 1.3ohm - 6.2A TO-220/TO-220FP/TO-247 Zener-Protected SuperMESH™Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP8NK80Z Datasheet(HTML) 1 Page - STMicroelectronics

  STP8NK80Z Datasheet HTML 1Page - STMicroelectronics STP8NK80Z Datasheet HTML 2Page - STMicroelectronics STP8NK80Z Datasheet HTML 3Page - STMicroelectronics STP8NK80Z Datasheet HTML 4Page - STMicroelectronics STP8NK80Z Datasheet HTML 5Page - STMicroelectronics STP8NK80Z Datasheet HTML 6Page - STMicroelectronics STP8NK80Z Datasheet HTML 7Page - STMicroelectronics STP8NK80Z Datasheet HTML 8Page - STMicroelectronics STP8NK80Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
February 2003
STP8NK80Z - STP8NK80ZFP
STW8NK80Z
N-CHANNEL 800V - 1.3
Ω - 6.2A TO-220/TO-220FP/TO-247
Zener-Protected SuperMESH™Power MOSFET
s
TYPICAL RDS(on) = 1.3 Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
GATE CHARGE MINIMIZED
s
VERY LOW INTRINSIC CAPACITANCES
s
VERY GOOD MANUFACTURING
REPEATIBILITY
DESCRIPTION
The SuperMESH™ series is obtained through an
extreme optimization of ST’s well established strip-
based PowerMESH™ layout. In addition to pushing
on-resistance significantly down, special care is tak-
en to ensure a very good dv/dt capability for the
most demanding applications. Such series comple-
ments ST full range of high voltage MOSFETs in-
cluding revolutionary MDmesh™ products.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
IDEAL FOR OFF-LINE POWER SUPPLIES,
ADAPTORS AND PFC
s
LIGHTING
ORDERING INFORMATION
TYPE
VDSS
RDS(on)
ID
Pw
STP8NK80Z
STP8NK80ZFP
STW8NK80Z
800 V
800 V
800 V
< 1.5
Ω
< 1.5
Ω
< 1.5
Ω
6.2 A
6.2 A
6.2 A
140 W
30 W
140 W
SALES TYPE
MARKING
PACKAGE
PACKAGING
STP8NK80Z
P8NK80Z
TO-220
TUBE
STP8NK80ZFP
P8NK80ZFP
TO-220FP
TUBE
STW8NK80Z
W8NK80Z
TO-247
TUBE
TO-220
TO-220FP
1
2
3
TO-247
1
2
3
1
2
3
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STP8NK80Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP8NK80Z STMICROELECTRONICS-STP8NK80Z Datasheet
419Kb / 15P
N-channel 800V - 1.3Ω - 6.2A - TO-220 /TO-220FP/TO-247 Zener-protected SuperMESH??Power MOSFET
02-Jul-2007
STP8NK80ZFP STMICROELECTRONICS-STP8NK80ZFP Datasheet
419Kb / 15P
N-channel 800V - 1.3Ω - 6.2A - TO-220 /TO-220FP/TO-247 Zener-protected SuperMESH??Power MOSFET
02-Jul-2007
logo
Inchange Semiconductor ...
STP8NK80ZFP ISC-STP8NK80ZFP Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP8NK80Z STMICROELECTRONICS-STP8NK80Z_07 Datasheet
419Kb / 15P
N-channel 800V - 1.3Ω - 6.2A - TO-220 /TO-220FP/TO-247 Zener-protected SuperMESH??Power MOSFET
02-Jul-2007
More results

Similar Description - STP8NK80Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP10NK80Z STMICROELECTRONICS-STP10NK80Z Datasheet
458Kb / 11P
N-CHANNEL 800V - 0.78ohm - 9A TO-220/TO-220FP/TO-247 Zener-Protected SuperMESH™ Power MOSFET
Feb-2003
STP5NK80ZFP STMICROELECTRONICS-STP5NK80ZFP Datasheet
378Kb / 10P
N-CHANNEL 800V - 1.9ohm - 4.3A TO-220/TO-220FP Zener-Protected SuperMESH™ Power MOSFET
Jul-2002
ST_STP9NK90Z STMICROELECTRONICS-ST_STP9NK90Z Datasheet
478Kb / 11P
N-CHANNEL 900V - 1.1W - 8A TO-220/TO-220FP/TO-247 Zener-Protected SuperMESH™ Power MOSFET
Apr-2003
STP12NK80Z STMICROELECTRONICS-STP12NK80Z Datasheet
342Kb / 15P
N-CHANNEL 800V - 0.65 OHM - 10.5A TO-220 / D2PAK / TO-247 Zener-Protected SuperMESH Power MOSFET
2005-Sep-02
STP9NK80Z STMICROELECTRONICS-STP9NK80Z Datasheet
336Kb / 11P
N-CHANNEL 800V -0.9ohm - 7.5A TO-220/TO-220FP Zener-Protected SuperMESH MOSFET
18-May-2005
STP5NK100Z STMICROELECTRONICS-STP5NK100Z Datasheet
435Kb / 16P
N-channel 1000V - 2.7??- 3.5A - TO-220/TO-220FP/TO-247 Zener-protected SuperMESH??Power MOSFET
16-Aug-2006
STP5NK80Z STMICROELECTRONICS-STP5NK80Z Datasheet
353Kb / 15P
N-channel 800V - 1.9廓 - 4.3A - TO-220/TO-220FP Zener-protected SuperMESH??Power MOSFET
16-Aug-2006
STP8NK80Z STMICROELECTRONICS-STP8NK80Z_07 Datasheet
419Kb / 15P
N-channel 800V - 1.3Ω - 6.2A - TO-220 /TO-220FP/TO-247 Zener-protected SuperMESH??Power MOSFET
02-Jul-2007
logo
New Jersey Semi-Conduct...
STW12NK80Z NJSEMI-STW12NK80Z Datasheet
151Kb / 3P
N-CHANNEL 800V - 0.651} - 10.5A TO-220 / D2PAK / TO-247 Zener-Protected SuperMESH?줡ower MOSFET
STB12NK80Z NJSEMI-STB12NK80Z Datasheet
151Kb / 3P
N-CHANNEL 800V - 0.651} - 10.5A TO-220 / D2PAK / TO-247 Zener-Protected SuperMESH?줡ower MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com