Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STPS1H100A Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS1H100A
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1H100A Datasheet(HTML) 3 Page - STMicroelectronics

  STPS1H100A Datasheet HTML 1Page - STMicroelectronics STPS1H100A Datasheet HTML 2Page - STMicroelectronics STPS1H100A Datasheet HTML 3Page - STMicroelectronics STPS1H100A Datasheet HTML 4Page - STMicroelectronics STPS1H100A Datasheet HTML 5Page - STMicroelectronics STPS1H100A Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1E-3
1E-2
1E-1
1E+0
0
1
2
3
4
5
6
7
8
9
10
t(s)
IM(A)
Ta=75°C
Ta=110°C
Ta=25°C
IM
t
δ=0.5
Fig. 3: Non repetitive surge peak forward current
versus overload duration (maximum
values)
(SMB).
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2 5E+2
0.01
0.10
1.00
tp(s)
Zth(j-a)/Rth(j-a)
δ = 0.1
δ = 0.2
δ = 0.5
Single pulse
T
δ=tp/T
tp
Fig. 5: Relative variation of thermal impedance
junction to ambient versus pulse duration (SMB).
1
10
100
10
20
50
100
VR(V)
C(pF)
F=1MHz
Tj=25°C
Fig. 8: Junction capacitance versus reverse
voltage applied (typical values).
0
102030405060708090
100
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2
2E+2
VR(V)
IR(µA)
Tj=125°C
Tj=25°C
Fig. 7: Reverse leakage current versus reverse
voltage applied (typical values).
1E-3
1E-2
1E-1
1E+0
0
1
2
3
4
5
6
7
8
IM
t
δ=0.5
IM(A)
t(s)
Ta=110°C
Ta=75°C
Ta=25°C
Fig. 4: Non repetitive surge peak forward current
versus
overload duration (maximum values)
(SMA).
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2 5E+2
0.01
0.10
1.00
δ=0.1
δ=0.2
δ=0.5
Single pulse
Zth(j-a)/Rth(j-a)
tp(s)
T
δ=tp/T
tp
Fig. 6: Relative variation of thermal impedance
junction to ambient versus pulse duration (SMA).
STPS1H100A/U
3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com