Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST6200C Datasheet(PDF) 49 Page - STMicroelectronics

Part # ST6200C
Description  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6200C Datasheet(HTML) 49 Page - STMicroelectronics

Back Button ST6200C Datasheet HTML 45Page - STMicroelectronics ST6200C Datasheet HTML 46Page - STMicroelectronics ST6200C Datasheet HTML 47Page - STMicroelectronics ST6200C Datasheet HTML 48Page - STMicroelectronics ST6200C Datasheet HTML 49Page - STMicroelectronics ST6200C Datasheet HTML 50Page - STMicroelectronics ST6200C Datasheet HTML 51Page - STMicroelectronics ST6200C Datasheet HTML 52Page - STMicroelectronics ST6200C Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 100 page
background image
ST6200C/ST6201C/ST6203C
49/100
A/D CONVERTER (Cont’d)
9.3.3 Functional Description
9.3.3.1 Analog Power Supply
The high and low level reference voltage pins are
internally connected to the VDD and VSS pins.
Conversion accuracy may therefore be impacted
by voltage drops and noise in the event of heavily
loaded or badly decoupled power supply lines.
9.3.3.2 Digital A/D Conversion Result
The conversion is monotonic, meaning that the re-
sult never decreases if the analog input does not
and never increases if the analog input does not.
If the input voltage (VAIN) is greater than or equal
to VDDA (high-level voltage reference) then the
conversion result in the DR register is FFh (full
scale) without overflow indication.
If input voltage (VAIN) is lower than or equal to
VSSA (low-level voltage reference) then the con-
version result in the DR register is 00h.
The A/D converter is linear and the digital result of
the conversion is stored in the ADR register. The
accuracy of the conversion is described in the par-
ametric section.
RAIN is the maximum recommended impedance
for an analog input signal. If the impedance is too
high, this will result in a loss of accuracy due to
leakage and sampling not being completed in the
allocated time. Refer to the electrical characteris-
tics chapter for more details.
With an oscillator clock frequency less than
1.2MHz, conversion accuracy is decreased.
9.3.3.3 Analog Input Selection
Selection of the input pin is done by configuring
the related I/O line as an analog input via the Data
Direction, Option and Data registers (refer to I/O
ports description for additional information).
Caution: Only one I/O line must be configured as
an analog input at any time. The user must avoid
any situation in which more than one I/O pin is se-
lected as an analog input simultaneously, because
they will be shorted internally.
9.3.3.4 Software Procedure
Refer to the Control register (ADCR) and Data reg-
ister (ADR) in Section 9.3.7 for the bit definitions.
Analog Input Configuration
The analog input must be configured through the
Port Control registers (DDRx, ORx and DRx). Re-
fer to the I/O port chapter.
ADC Configuration
In the ADCR register:
– Reset the PDS bit to power on the ADC. This bit
must be set at least one instruction before the
beginning of the conversion to allow stabilisation
of the A/D converter.
– Set the EAI bit to enable the ADC interrupt if
needed.
ADC Conversion
In the ADCR register:
– Set the STA bit to start a conversion. This auto-
matically clears (resets to “0”) the End Of Con-
version Bit (EOC).
When a conversion is complete
– The EOC bit is set by hardware to flag that con-
version is complete and that the data in the ADC
data conversion register is valid.
– An interrupt is generated if the EAI bit was set
Setting the STA bit will start a new count and will
clear the EOC bit (thus clearing the interrupt con-
dition)
Note:
Setting the STA bit must be done by a different in-
struction from the instruction that powers-on the
ADC (setting the PDS bit) in order to make sure
the voltage to be converted is present on the pin.
Each conversion has to be separately initiated by
writing to the STA bit.
The STA bit is continuously scanned so that, if the
user sets it to “1” while a previous conversion is in
progress, a new conversion is started before com-
pleting the previous one. The start bit (STA) is a
write only bit, any attempt to read it will show a log-
ical “0”.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com