Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST6201C Datasheet(PDF) 94 Page - STMicroelectronics

Part # ST6201C
Description  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6201C Datasheet(HTML) 94 Page - STMicroelectronics

Back Button ST6201C Datasheet HTML 90Page - STMicroelectronics ST6201C Datasheet HTML 91Page - STMicroelectronics ST6201C Datasheet HTML 92Page - STMicroelectronics ST6201C Datasheet HTML 93Page - STMicroelectronics ST6201C Datasheet HTML 94Page - STMicroelectronics ST6201C Datasheet HTML 95Page - STMicroelectronics ST6201C Datasheet HTML 96Page - STMicroelectronics ST6201C Datasheet HTML 97Page - STMicroelectronics ST6201C Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 100 page
background image
ST6200C/ST6201C/ST6203C
94/100
TRANSFER OF CUSTOMER CODE (Cont’d)
ST6200C/01C/03C/P00C/P01C/P03C MICROCONTROLLER OPTION LIST
Customer:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Address:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Contact:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Phone:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
STMicroelectronics references:
Device:
[ ] ST6200C (1 KB)
[ ] ST62P00C (1 KB)
[ ] ST6201C (2 KB)
[ ] ST62P01C (2 KB)
[ ] ST6203C (1 KB)
[ ] ST62P03C (1 KB)
Package:
[ ] Dual in Line Plastic
[ ] Small Outline Plastic with conditioning
[ ] Shrink Small Outline Plastic with conditioning
Conditioning option:
[ ] Standard (Tube)
[ ] Tape & Reel
Temperature Range:
[ ] 0°C to + 70°C
[ ] - 40°C to + 85°C
[ ] - 40°C to + 125°C
Marking:
[ ] Standard marking
[ ] Special marking (ROM only):
PDIP16 (9 char. max): _ _ _ _ _ _ _ _ _
SO16 (6 char. max): _ _ _ _ _ _
SSOP16 (10 char. max): _ _ _ _ _ _ _ _ _ _
Authorized characters are letters, digits, '.', '-', '/' and spaces only.
Oscillator Safeguard:
[ ] Enabled
[ ] Disabled
Watchdog Selection:
[ ] Software Activation
[ ] Hardware Activation
NMI pull-up:
[ ] Enabled
[ ] Disabled
Oscillator Selection:
[ ] Quartz crystal / Ceramic resonator
[ ] RC network
Readout Protection:
FASTROM:
[ ] Enabled
[ ] Disabled
ROM:
[ ] Enabled:
[ ] Fuse is blown by STMicroelectronics
[ ] Fuse can be blown by the customer
[ ] Disabled
Low Voltage Detector:
[ ] Enabled
[ ] Disabled
External STOP Mode Control:
[ ] Enabled
[ ] Disabled
Identifier (FASTROM only):
[ ] Enabled
[ ] Disabled
Comments:
Oscillator Frequency in the application:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply Operating Range in the application:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Date:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Signature:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com